Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5952DAP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5952DAP
Description  24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5952DAP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC5952DAP Datasheet HTML 15Page - Texas Instruments TLC5952DAP Datasheet HTML 16Page - Texas Instruments TLC5952DAP Datasheet HTML 17Page - Texas Instruments TLC5952DAP Datasheet HTML 18Page - Texas Instruments TLC5952DAP Datasheet HTML 19Page - Texas Instruments TLC5952DAP Datasheet HTML 20Page - Texas Instruments TLC5952DAP Datasheet HTML 21Page - Texas Instruments TLC5952DAP Datasheet HTML 22Page - Texas Instruments TLC5952DAP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
REGISTER AND DATA LATCH CONFIGURATION
CommonShiftRegister(25Bits)
LSB
0
1
Common
Data
Bit22
Common
Data
Bit23
22
23
21
20
Common
Data
Bit19
2
3
4
19
MSB
24
Latch
Select
Bit
¼
Common
Data
Bit21
Common
Data
Bit20
Common
Data
Bit3
Common
Data
Bit1
Common
Data
Bit4
Common
Data
Bit2
Common
Data
Bit0
SOUT
SCK
SIN
5
Common
Data
Bit5
Thelatchpulsecomes
fromLATwhenthe
MSBofthecommon
shiftregisteris ‘0’.
24
ToOutputOn/OffControlCircuit
24
24
OutputOn/OffDataLatch(24Bits)
LSB
0
1
OUTR7
On
OUTG7
On
21
22
20
19
2
3
4
MSB
23
OUTB7
On
¼
OUTB6
On
OUTG6
On
OUTR1
On
OUTG0
On
OUTG1
On
OUTB0
On
OUTR0
On
5
OUTB1
On
24
ControlDataLatch(24Bits)
7
ToGlobalBrightness
ControlCircuit
forOUTB0-OUTB7
7
ToGlobalBrightness
ControlCircuit
forOUTR0-OUTR7
3
ToLSD/LOD
Circuit
ToGlobalBrightness
ControlCircuit
forOUTG0-OUTG7
7
Thelatchpulsecomes
fromLATwhenthe
MSBofthecommon
shiftregisteris ‘1’.
Detection
Voltage
Select0
Detection
Voltage
Select1
Detection
Voltage
Select2
OUTB0-7
Bright
Bit6
OUTG0-7
Bright
Bit6
OUTB0-7
Bright
Bit0
OUTR0-7
Bright
Bit6
OUTG0-7
Bright
Bit0
OUTR0-7
Bright
Bit0
LSB
0
21
22
20
6
7
MSB
23
¼
13
¼
¼
14
TLC5952
www.ti.com........................................................................................................................................................................................................ SBVS129 – MAY 2009
The TLC5952 has two writable data latches: the output on/off data latch and the control data latch. Both data
latches are 24 bits in length. If the common shift register MSB is '0', the least significant 24 bits of data from the
25-bit common shift register are latched into the output on/off data latch. If the MSB is '1', the data are latched
into the control data latch. Figure 33 shows the common shift register and the control data latch configuration.
Figure 33. Grayscale Shift Register and Data Latch Configuration
Output On/Off Data Latch
The output on/off data latch is 24 bits long. This latch is used to turn each output current sink (OUTRn/Gn/Bn) on
or off. When the MSB of the common shift register is set to '0', the lower 24 bits are written to the output on/off
data latch on the rising edge of LAT. If the output on/off data latch bit corresponding to an output is '0', the output
is turned off; if the bit is a '1', the output is turned on.
When the IC is powered on, the data in the output on/off data latch are not set to any default value. Therefore,
the on/off control data should be written to the data latch before the constant-current outputs are turned on.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TLC5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com