Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51113 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51113
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51113 Datasheet(HTML) 1 Page - Texas Instruments

  TPS51113 Datasheet HTML 1Page - Texas Instruments TPS51113 Datasheet HTML 2Page - Texas Instruments TPS51113 Datasheet HTML 3Page - Texas Instruments TPS51113 Datasheet HTML 4Page - Texas Instruments TPS51113 Datasheet HTML 5Page - Texas Instruments TPS51113 Datasheet HTML 6Page - Texas Instruments TPS51113 Datasheet HTML 7Page - Texas Instruments TPS51113 Datasheet HTML 8Page - Texas Instruments TPS51113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
TYPICAL APPLICATION CIRCUIT
1
2
3
4
10
9
8
7
PGOOD
VOS
FB
COMP_EN
BOOT
SW
HDRV
LDRV_OC
TPS51113\TPS51163
5
6
VDD
GND
11
R6
C4
R4
R1
R3
C3
D1
VDD
C5
V
OUT
C2
R2
C1
Enable
R5
R
BIAS
R
OC
L1
V
IN
Q1
Q2
C6
C7
–
+
UDG-08105
V
OUT
TPS51113, TPS51163
www.ti.com........................................................................................................................................................................................................ SLUS864 – MAY 2009
SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
• Flexible Power Rails: 5 V to 12 V
The TPS51113 and TPS51163 are cost-optimized,
feature
rich,
single-channel
synchronous-buck
• Reference: 800 mV ± 0.8%
controllers that operates from a single 4.5-V to 13.2-V
• Voltage Mode Control
supply and can convert an input voltage as low as
• Support Pre-biased Startup
1.5 V.
• Programmable Overcurrent Protection with
The controller implements voltage mode control with
Low-Side RDS(on) Current Sensing
a
fixed
300-kHz
(TPS51113)
and
600-kHz
• Fixed 300-kHz (TPS51113) and 600-kHz
(TPS51163) switching frequency. The overcurrent
(TPS51163) Switching Frequency
(OC) protection employs the low-side RDS(on) current
sensing and has user-programmable threshold. The
• UV/OV Protections and Power Good Indicator
OC threshold is set by the resistor from LDRV_OC
• Internal Soft-start
pin to GND. The resistor value is read when the
• Integrated High-Current Drivers Powered by
over-current programming circuit applies 10
µA of
VDD
current to the LDRV_OC pin during the calibration
phase of the start-up sequence.
• 10-Pin 3 × 3 SON Package
The
TPS51113/TPS51163
also
supports
output
pre-biased startup.
• Server and Desktop Computer Subsystem
The strong gate drivers with low deadtime allow for
Power Supplies (MCH, IOCH, PCI, Termination)
the utilization of larger MOSFETs to achieve higher
• Distributed Power Supplies
efficiency. An adaptive anti-cross conduction scheme
is used to prevent shoot-through between the power
• General DC-DC Converters
FETs.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116 Datasheet
1Mb / 38P
COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116 Datasheet
1Mb / 45P
Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116MPWPEP TI1-TPS51116MPWPEP Datasheet
1Mb / 38P
COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
More results

Similar Description - TPS51113

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
High Current Synchronous Buck Controller
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
High Current Synchronous Buck Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
High Efficiency, Synchronous Current Mode Buck Controller
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Texas Instruments
UCD7232 TI1-UCD7232 Datasheet
597Kb / 30P
Digital Control Compatible Synchronous-Buck Gate Driver With Current
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
logo
Intersil Corporation
ISL8115 INTERSIL-ISL8115 Datasheet
888Kb / 24P
High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
logo
Renesas Technology Corp
ISL8115 RENESAS-ISL8115 Datasheet
1Mb / 24P
High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com