Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51113 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51113
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51113 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS51113 Datasheet HTML 5Page - Texas Instruments TPS51113 Datasheet HTML 6Page - Texas Instruments TPS51113 Datasheet HTML 7Page - Texas Instruments TPS51113 Datasheet HTML 8Page - Texas Instruments TPS51113 Datasheet HTML 9Page - Texas Instruments TPS51113 Datasheet HTML 10Page - Texas Instruments TPS51113 Datasheet HTML 11Page - Texas Instruments TPS51113 Datasheet HTML 12Page - Texas Instruments TPS51113 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DETAILED DESCRIPTION
SOFT START AND SELF-CALIBRATION
V
OUT
t – Time
t
SS_Delay
t
SS
PGOOD Delay at Startup
6% of V
OUT
1 V
PGOOD Delay
at Shutdown
V
COMP_EN
V
PGOOD
UDG-08108
TPS51113, TPS51163
www.ti.com........................................................................................................................................................................................................ SLUS864 – MAY 2009
TPS51113 and TPS51163 are cost-optimized, single channel synchronous buck controllers that operate at a
300-kHz (TPS51113) and 600-kHz (TPS51163) fixed switching frequency, from a single 4.5-V to 13.2-V supply,
and supports output pre-biased startup. The overcurrent protection uses the low-side RDS(on) current sensing for
a low-cost, loss-less solution. Other features include input undervoltage lockout (UVLO), programmable
overcurrent threshold, soft-start, output oververvoltage/undervoltage (OV/UV) protection.
When VDD is above 4.3 V and the COMP_EN pin is released from being pulled low with open-drain system
logic, the controller enters the start-up sequence. There is a two stage start-up sequence for the COMP_EN
voltage. In the first phase of start-up (tSS_delay), the controller completes self-calibration and inhibits FET
switching, leaving both the upper and lower MOSFETs in the off state. In the second phase of start-up (tSS),
soft-start begins and switching is enabled. The internal reference gradually rises to 800 mV, and the output
voltage gets within its regulation point. The soft-start time (tSS) is internally programmed at 3.5 ms, and tSS_Delay is
programmed at 5.5 ms. On average, it takes approximately 9 ms for the output voltage to come into regulation
after the COMP_EN pin is released.
Figure 7 shows the typical startup and shutdown sequence. The overcurrent protection is enabled when the
soft-start begins and the soft-start voltage exceeds the pre-biased VOS voltage. The output overvoltage
protection is enabled approximately 64 clock cycles after the COMP pin voltage rises above 0.8 V (thereby
enabling the device). When the soft-start ends, the output undervoltage protection is enabled, and PGOOD
signal also goes high at the same time.
Figure 7. Typical Startup and Shutdown Sequence
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS51113 TPS51163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com