Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65192 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65192
Description  9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65192 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65192 Datasheet HTML 3Page - Texas Instruments TPS65192 Datasheet HTML 4Page - Texas Instruments TPS65192 Datasheet HTML 5Page - Texas Instruments TPS65192 Datasheet HTML 6Page - Texas Instruments TPS65192 Datasheet HTML 7Page - Texas Instruments TPS65192 Datasheet HTML 8Page - Texas Instruments TPS65192 Datasheet HTML 9Page - Texas Instruments TPS65192 Datasheet HTML 10Page - Texas Instruments TPS65192 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
OUTPUTRISETIME
CHANNELS1-7,C
=8pF
OUT
V
10V/div
OUT
RISETIME=3ns
MEASUREDBETWEEN10%
AND90%OFVOUT
5ns/div
OUTPUTFALL TIME
CHANNELS1-7,C
=8pF
OUT
V
10V/div
OUT
FALL TIME=4ns
MEASUREDBETWEEN90%
AND10%OFVOUT
5ns/div
OUTPUTFALL TIME
CHANNELS8-9,C
=8pF
OUT
V
10V/div
OUT
FALL TIME=3ns
MEASUREDBETWEEN90%
AND10%OFVOUT
5ns/div
OUTPUTRISETIME
CHANNELS8-9,C
=8pF
OUT
V
10V/div
OUT
RISETIME=3ns
MEASUREDBETWEEN10%
AND90%OFVOUT
5ns/div
TPS65192
www.ti.com ....................................................................................................................................................................................................... SLVS962 – JULY 2009
Figure 5.
Figure 6.
Figure 7.
Figure 8.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com