Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73701DCQ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73701DCQ
Description  1A Low-Dropout Regulator with Reverse Current Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73701DCQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS73701DCQ Datasheet HTML 4Page - Texas Instruments TPS73701DCQ Datasheet HTML 5Page - Texas Instruments TPS73701DCQ Datasheet HTML 6Page - Texas Instruments TPS73701DCQ Datasheet HTML 7Page - Texas Instruments TPS73701DCQ Datasheet HTML 8Page - Texas Instruments TPS73701DCQ Datasheet HTML 9Page - Texas Instruments TPS73701DCQ Datasheet HTML 10Page - Texas Instruments TPS73701DCQ Datasheet HTML 11Page - Texas Instruments TPS73701DCQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
10k
10
90
80
70
60
50
40
30
20
10
0
100
1k
100k
1M
10M
Frequency(Hz)
I
=1mA
OUT
C
=1mF
OUT
I
=1mA
OUT
C
=Any
OUT
I
=1mA
OUT
C
=10mF
OUT
I
=100mA
OUT
C
=Any
OUT
I
=100mA
OUT
C
=10mF
OUT
I =100mA
O
C =1mF
O
40
35
30
25
20
15
10
5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
V
-
(V)
IN
OUT
Frequency=10kHz
C
=10 F
V
=2.5V
I
=100mA
m
OUT
OUT
OUT
1
0.1
0.01
10
100
1k
10k
100k
Frequency(Hz)
C
=1 F
m
OUT
C
=10 F
m
OUT
I
=150mA
OUT
60
55
50
45
40
35
30
25
20
C
(F)
FB
10p
100p
1n
10n
V
=2.5V
OUT
C
=0mF
OUT
R =39.2kW
1
10Hz<Frequency<100kHz
60
50
40
30
20
10
0
C
( F)
m
OUT
0.1
1
10
V
OUT = 5.0V
V
OUT = 3.3V
VOUT = 1.5V
C
NR = 0.01 F
m
10Hz < Frequency < 100kHz
140
120
100
80
60
40
20
0
C
NR (F)
1p
10p
100p
1n
10n
V
OUT = 5.0V
V
OUT = 3.3V
VOUT = 1.5V
C
OUT = 0 F
m
10Hz < Frequency < 100kHz
TPS737xx
SBVS067I – JANUARY 2006 – REVISED MARCH 2009.................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at TJ = +25°C, VIN = VOUT(nom) + 1.0V, IOUT = 10mA, VEN = 2.2V, and COUT = 2.2µF, unless otherwise
noted.
PSRR (RIPPLE REJECTION) vs FREQUENCY
PSRR (RIPPLE REJECTION) vs VIN – VOUT
Figure 15.
Figure 16.
TPS73701
NOISE SPECTRAL DENSITY
RMS NOISE VOLTAGE vs CFB
Figure 17.
Figure 18.
RMS NOISE VOLTAGE vs COUT
RMS NOISE VOLTAGE vs CNR
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com