Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73701DCQ Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73701DCQ
Description  1A Low-Dropout Regulator with Reverse Current Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73701DCQ Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS73701DCQ Datasheet HTML 6Page - Texas Instruments TPS73701DCQ Datasheet HTML 7Page - Texas Instruments TPS73701DCQ Datasheet HTML 8Page - Texas Instruments TPS73701DCQ Datasheet HTML 9Page - Texas Instruments TPS73701DCQ Datasheet HTML 10Page - Texas Instruments TPS73701DCQ Datasheet HTML 11Page - Texas Instruments TPS73701DCQ Datasheet HTML 12Page - Texas Instruments TPS73701DCQ Datasheet HTML 13Page - Texas Instruments TPS73701DCQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
160
140
120
100
80
60
40
20
0
-50
-25
0
25
50
75
100
125
Temperature( C)
°
60
55
50
45
40
35
30
25
20
C
(F)
FB
10p
100p
1n
10n
V
=2.5V
OUT
C
=0 F
m
OUT
R =39.2kW
1
10Hz<Frequency<100kHz
10 s/div
m
100mV/div
V
OUT
I
OUT
250mA
10mA
C
=10 F
m
OUT
C
=10nF
FB
R =39.2kW
1
5 s/div
m
100mV/div
V
OUT
V
IN
4.5V
3.5V
C
=10 F
m
OUT
V
=2.5V
OUT
C
=10nF
FB
TPS737xx
SBVS067I – JANUARY 2006 – REVISED MARCH 2009.................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at TJ = +25°C, VIN = VOUT(nom) + 1.0V, IOUT = 10mA, VEN = 2.2V, and COUT = 2.2µF, unless otherwise
noted.
TPS73701
TPS73701
RMS NOISE VOLTAGE vs CFB
IFB vs TEMPERATURE
Figure 27.
Figure 28.
TPS73701
TPS73701
LOAD TRANSIENT, ADJUSTABLE VERSION
LINE TRANSIENT, ADJUSTABLE VERSION
Figure 29.
Figure 30.
10
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com