Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2551APWR Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB2551APWR
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2551APWR Datasheet(HTML) 4 Page - Texas Instruments

  TUSB2551APWR Datasheet HTML 1Page - Texas Instruments TUSB2551APWR Datasheet HTML 2Page - Texas Instruments TUSB2551APWR Datasheet HTML 3Page - Texas Instruments TUSB2551APWR Datasheet HTML 4Page - Texas Instruments TUSB2551APWR Datasheet HTML 5Page - Texas Instruments TUSB2551APWR Datasheet HTML 6Page - Texas Instruments TUSB2551APWR Datasheet HTML 7Page - Texas Instruments TUSB2551APWR Datasheet HTML 8Page - Texas Instruments TUSB2551APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Power-Supply Configurations
TUSB2551A
SCES790 – JUNE 2009...................................................................................................................................................................................................... www.ti.com
The TUSB2551A can be used with different power-supply configurations, which can be dynamically changed. An
overview is given in Table 1.
• Normal mode – Both V
CC(I/O) and VCC(5.0) or VCC(5.0) and Vreg(3.3) are connected. For 5-V operation, VCC(5.0) is
connected to a 5-V source (4 V to 5.5 V). The internal voltage regulator then produces 3.3 V for the USB
connections. For 3.3-V operation, both VCC(5.0) and Vreg(3.3) are connected to a 3.3-V source (3 V to 3.6 V).
VCC(I/O) is independently connected to a voltage source (1.65 V to 3.6 V), depending on the supply voltage of
the external circuit.
• Disable mode – V
CC(I/O) is not connected; VCC(5.0) or VCC(5.0) and Vreg(3.3) are connected. In this mode, the
internal circuits of the TUSB2551A ensure that the D+ and D– pins are in 3-state, and the power consumption
drops to the low-power (suspended) state level. Some hysteresis is built into the detection of VCC(I/O) lost.
• Sharing mode – V
CC(I/O) is connected; VCC(5.0) and Vreg(3.3) are not connected. In this mode, the D+ and D–
pins are made 3-state, and the TUSB2551A allows external signals of up to 3.6 V to share the D+ and D–
lines. The internal circuits of the TUSB2551A ensure that virtually no current (maximum 10 mA) is drawn via
the D+ and D– lines. The power consumption through VCC(I/O) drops to the low-power (suspended) state level.
Both the VP and VM pins are driven HIGH to indicate this mode. Pin RCV is made LOW. Some hysteresis is
built into the detection of Vreg(3.3) lost.
Table 1. Power-Supply Configuration Overview
CONFIGURATION
VBUS/VTRM
VIF
Notes
MODE
Normal
Connected
Connected
Normal supply configuration and operation
VP/VM are HIGH outputs, RCV is LOW.
Disconnect
With OE = 0 and SUSPEND = 1, data lines may be driven
Open
Connected
(D+/D– sharing)
with external devices up to 3.6 V.
With D+, D– floating, ICC(I/O) draws less than 1 µA.
VP/VM are HIGH outputs, RCV is LOW.
Disconnect
Ground
Connected
With D+, D– floating, ICC(I/O)F draws less than 1 µA.
Disable Mode
Connected
Open
Logic controlled inputs pins are Hi-Z.
Prohibited
Connected
Ground
Prohibited condition
Table 2. Pin States in Disable or Sharing Mode
PINS
DISABLE-MODE STATE
SHARING-MODE STATE
VCC(5.0)/Vreg(3.3)
5-V input/3.3-V output, 3.3-V input/3.3-V input
Not present
VCC(I/O)
Not present
1.65-V to 3.6-V input
VPU(3.3)
High impedance (off)
High impedance (off)
D+, D–
High impedance
High impedance
VP, VM
Invalid(1)
H
RCV
Invalid(1)
L
Inputs (SPEED, SUSPEND, OE, SOFTCON)
High impedance
High impedance
(1)
High impedance or driven LOW
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TUSB2551A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com