Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2551APWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB2551APWR
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2551APWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB2551APWR Datasheet HTML 4Page - Texas Instruments TUSB2551APWR Datasheet HTML 5Page - Texas Instruments TUSB2551APWR Datasheet HTML 6Page - Texas Instruments TUSB2551APWR Datasheet HTML 7Page - Texas Instruments TUSB2551APWR Datasheet HTML 8Page - Texas Instruments TUSB2551APWR Datasheet HTML 9Page - Texas Instruments TUSB2551APWR Datasheet HTML 10Page - Texas Instruments TUSB2551APWR Datasheet HTML 11Page - Texas Instruments TUSB2551APWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DC ELECTRICAL CHARACTERISTICS – TRANSCEIVER
(1)
TUSB2551A
SCES790 – JUNE 2009...................................................................................................................................................................................................... www.ti.com
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Leakage Current
ILO
Hi-Z state data line leakage (suspend mode)
0 V < VIN < 3.3 V, SUSPEND = 1
–10
10
µA
Input Levels
VDI
Differential input sensitivity
|(D+) – (D–)|
0.2
V
VCM
Differential common mode range
Includes VDI range
0.8
2.5
V
VSE
Single-ended receiver threshold
0.8
2
V
Receiver hysteresis
200
mV
Output Levels
VOL
Static output low
RL = 1.5 kΩ to 3.6 V
0.3
V
VOH
Static output high
RL = 15 kΩ to GND
2.8
3.6
V
Capacitance
CIN
Transceiver capacitance
Pin to GND
10
pF
ZDRV
Driver output resistance
Steady-state drive
1
6
11
Ω
(1)
Specification for packaged product only
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TUSB2551A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com