Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2919/01 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 39Page - NXP Semiconductors LPC2919/01 Datasheet HTML 40Page - NXP Semiconductors LPC2919/01 Datasheet HTML 41Page - NXP Semiconductors LPC2919/01 Datasheet HTML 42Page - NXP Semiconductors LPC2919/01 Datasheet HTML 43Page - NXP Semiconductors LPC2919/01 Datasheet HTML 44Page - NXP Semiconductors LPC2919/01 Datasheet HTML 45Page - NXP Semiconductors LPC2919/01 Datasheet HTML 46Page - NXP Semiconductors LPC2919/01 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
43 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
The actual PWM consists of two counters; a 16-bit prescale counter and a 16-bit PWM
counter. The position of the rising and falling edges of the PWM outputs can be
programmed individually. The prescale counter allows high system bus frequencies to be
scaled down to lower PWM periods. Registers are available to capture the PWM counter
values on external events.
Note that in the Modulation and Sampling SubSystem, each PWM has its individual clock
source CLK_MSCSS_PWMx (x runs from 0 to 3). Both the prescale and the timer
counters within each PWM run on this clock CLK_MSCSS_PWMx, and all time references
are related to the period of this clock. See Section 6.15 for information on generation of
these clocks.
6.14.5.2
Synchronizing the PWM counters
A mechanism is included to synchronize the PWM period to other PWMs by providing a
sync input and a sync output with programmable delay. Several PWMs can be
synchronized using the trans_enable_in/trans_enable_out and sync_in/sync_out ports.
See Figure 8 for details of the connections of the PWM modules within the MSCSS in the
LPC2917/2919/01. PWM 0 can be master over PWM 1; PWM 1 can be master over
PWM 2, etc.
6.14.5.3
Master and slave mode
A PWM module can provide synchronization signals to other modules (also called Master
mode). The signal sync_out is a pulse of one clock cycle generated when the internal
PWM counter (re)starts. The signal trans_enable_out is a pulse synchronous to sync_out,
generated if a transfer from system registers to PWM shadow registers occurred when the
PWM counter restarted. A delay may be inserted between the counter start and
generation of trans_enable_out and sync_out.
A PWM module can use input signals trans_enable_in and sync_in to synchronize its
internal PWM counter and the transfer of shadow registers (Slave mode).
6.14.5.4
Pin description
Each of the four PWM modules in the MSCSS has the following pins. These are combined
with other functions on the port pins of the LPC2917/2919/01. Table 23 shows the PWM0
to PWM3 pins.
Table 23.
PWM pins
Symbol
Pin name
Direction
Description
PWMn CAP[0]
PCAPn[0]
IN
PWM n capture input 0
PWMn CAP[1]
PCAPn[1]
IN
PWM n capture input 1
PWMn CAP[2]
PCAPn[2]
IN
PWM n capture input 2
PWMn MAT[0]
PMATn[0]
OUT
PWM n match output 0
PWMn MAT[1]
PMATn[1]
OUT
PWM n match output 1
PWMn MAT[2]
PMATn[2]
OUT
PWM n match output 2
PWMn MAT[3]
PMATn[3]
OUT
PWM n match output 3
PWMn MAT[4]
PMATn[4]
OUT
PWM n match output 4
PWMn MAT[5]
PMATn[5]
OUT
PWM n match output 5
PWMn TRAP
TRAPn
IN
PWM n trap input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com