Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2919/01 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LPC2919/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2919/01 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LPC2919/01 Datasheet HTML 52Page - NXP Semiconductors LPC2919/01 Datasheet HTML 53Page - NXP Semiconductors LPC2919/01 Datasheet HTML 54Page - NXP Semiconductors LPC2919/01 Datasheet HTML 55Page - NXP Semiconductors LPC2919/01 Datasheet HTML 56Page - NXP Semiconductors LPC2919/01 Datasheet HTML 57Page - NXP Semiconductors LPC2919/01 Datasheet HTML 58Page - NXP Semiconductors LPC2919/01 Datasheet HTML 59Page - NXP Semiconductors LPC2919/01 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
56 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
6.16 Vectored Interrupt Controller (VIC)
The LPC2917/2919/01 contains a very flexible and powerful Vectored Interrupt Controller
to interrupt the ARM processor on request.
The key features are:
• Level-active interrupt request with programmable polarity.
• 56 interrupt-request inputs.
• Software-interrupt request capability associated with each request input.
• Interrupt request state can be observed before masking.
• Software-programmable priority assignments to interrupt requests up to 15 levels.
• Software-programmable routing of interrupt requests towards the ARM-processor
inputs IRQ and FIQ.
• Fast identification of interrupt requests through vector.
• Support for nesting of interrupt service routines.
6.16.1 Functional description
The Vectored Interrupt Controller routes incoming interrupt requests to the ARM
processor. The interrupt target is configured for each interrupt request input of the VIC.
The targets are defined as follows:
• Target 0 is ARM processor FIQ (fast interrupt service).
• Target 1 is ARM processor IRQ (standard interrupt service).
Interrupt-request masking is performed individually per interrupt target by comparing the
priority level assigned to a specific interrupt request with a target-specific priority
threshold. The priority levels are defined as follows:
• Priority level 0 corresponds to ‘masked’ (i.e. interrupt requests with priority 0 never
lead to an interrupt).
• Priority 1 corresponds to the lowest priority.
CLK_SPI2
BASE_SPI_CLK
+
+
+
CLK_TMR0
BASE_TMR_CLK
+
+
+
CLK_TMR1
BASE_TMR_CLK
+
+
+
CLK_TMR2
BASE_TMR_CLK
+
+
+
CLK_TMR3
BASE_TMR_CLK
+
+
+
CLK_ADC1
BASE_ADC_CLK
+
+
+
CLK_ADC2
BASE_ADC_CLK
+
+
+
Table 31.
Branch clock overview …continued
Legend:
‘1’ Indicates that the related register bit is tied off to logic HIGH, all writes are ignored
‘0’ Indicates that the related register bit is tied off to logic LOW, all writes are ignored
‘+’ Indicates that the related register bit is readable and writable
Branch clock name
Base clock
Implemented switch on/off
mechanism
WAKE-UP
AUTO
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com