Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576CU/10 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8576CU/10
Description  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU/10 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8576CU/10 Datasheet HTML 21Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 22Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 23Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 24Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 25Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 26Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 27Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 28Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
25 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
8.1.4 PCF8576C I2C-bus controller
The PCF8576C acts as an I2C-bus slave receiver. It does not initiate I2C-bus transfers or
transmit data to an I2C-bus master receiver. The only data output from the PCF8576C are
the acknowledge signals of the selected devices. Device selection depends on the
I2C-bus slave address, the transferred command data and the hardware subaddress.
In single device application, the hardware subaddress inputs A0, A1 and A2 are normally
tied to VSS which defines the hardware subaddress 0. In multiple device applications
A0, A1 and A2 are tied to VSS or VDD using a binary coding scheme so that no two
devices with a common I2C-bus slave address have the same hardware subaddress.
In the power-saving mode it is possible that the PCF8576C is not able to keep up with the
highest transmission rates when large amounts of display data are transmitted. If this
situation occurs, the PCF8576C forces the SCL line LOW until its internal operations are
completed. This is known as the clock synchronization feature of the I2C-bus and serves
to slow down fast transmitters. Data loss does not occur.
8.1.5 Input filter
To enhance noise immunity in electrically adverse environments, RC low-pass filters are
provided on the SDA and SCL lines.
8.2 I2C-bus protocol
Two I2C-bus slave addresses (0111000 and 0111001) are reserved for the PCF8576C.
The least significant bit of the slave address that a PCF8576C responds to is defined by
the level tied at its input SA0. Therefore, two types of PCF8576C can be distinguished on
the same I2C-bus which allows:
• Up to 16 PCF8576Cs on the same I2C-bus for very large LCD applications.
• The use of two types of LCD multiplex on the same I2C-bus.
The I2C-bus protocol is shown in Figure 18. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of the two PCF8576C
slave addresses available. All PCF8576Cs with the corresponding SA0 level acknowledge
in parallel with the slave address but all PCF8576Cs with the alternative SA0 level ignore
the whole I2C-bus transfer.
After acknowledgement, one or more command bytes (m) follow which define the status of
the addressed PCF8576Cs.
The last command byte is tagged with a cleared most significant bit, the continuation bit C.
The command bytes are also acknowledged by all addressed PCF8576Cs on the bus.
After the last command byte, a series of display data bytes (n) may follow. These display
bytes are stored in the display RAM at the address specified by the data pointer and the
subaddress counter. Both data pointer and subaddress counter are automatically updated
and the data is directed to the intended PCF8576C device. The acknowledgement after
each byte is made only by the (A0, A1 and A2) addressed PCF8576C. After the last
display byte, the I2C-bus master issues a STOP condition (P).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com