Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576CU/10 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8576CU/10
Description  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU/10 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8576CU/10 Datasheet HTML 27Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 28Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 29Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 30Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 31Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 32Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 33Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 34Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
31 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
11.1 Typical supply current characteristics
VDD = 5 V; VLCD = 0 V; Tamb = 25 °CVDD = 5 V; VLCD = 0 V; Tamb = 25 °C
Fig 21. ISS as a function of ffr
Fig 22.
−IDD(LCD) as a function of ffr
mbe530
0
200
50
0
10
20
30
40
100
ISS
(
µA)
ffr (Hz)
normal
mode
power-saving
mode
mbe529
0
200
50
0
10
20
30
40
100
ffr (Hz)
−IDD(LCD)
(
µA)
VLCD = 0 V; external clock; Tamb = 25 °CVLCD = 0 V; external clock; Tamb = 25 °C
Fig 23. ISS as a function of VDD
Fig 24.
−I
DD(LCD) as a function of VDD
010
50
0
10
mbe528
20
30
40
5
ISS
(
µA)
VDD (V)
power-saving mode
fclk = 35 kHz
normal mode
fclk = 200 kHz
mbe527
010
50
0
10
20
30
40
5
VDD (V)
85
°C
25
°C
−40 °C
−IDD(LCD)
(
µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com