Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL3250A Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SSL3250A Datasheet HTML 13Page - NXP Semiconductors SSL3250A Datasheet HTML 14Page - NXP Semiconductors SSL3250A Datasheet HTML 15Page - NXP Semiconductors SSL3250A Datasheet HTML 16Page - NXP Semiconductors SSL3250A Datasheet HTML 17Page - NXP Semiconductors SSL3250A Datasheet HTML 18Page - NXP Semiconductors SSL3250A Datasheet HTML 19Page - NXP Semiconductors SSL3250A Datasheet HTML 20Page - NXP Semiconductors SSL3250A Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
17 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
9.
Application design-in information
9.1 Input capacitor
For good input voltage decoupling a low ESR ceramic capacitor is highly recommended. A
4.7
µF (X5R/X7R) 6.3 V is the minimum recommended value. Since the input capacitor is
supplying the input ripple current, a larger capacitor will improve transient behavior of the
regulator and EMI behavior of the power supply. Taking the capacitor DC bias and the
temperature derating specifications into account, a 10
µF (X5R/X7R) is preferred.
Although it is increasing the component count, a smaller capacitor of 100 nF (X5R/X7R)
placed in parallel to the input capacitor will also improve EMI behavior.
When the circuit is used in other than battery powered applications and the input capacitor
is located relatively far from the DC buffer capacitors, it is recommended to add a 150
µF
tantalum or a 470
µF electrolytic capacitor in parallel near the input capacitor.
9.2 Output capacitor
The output capacitor supplies the current to the main LED, while the inductor is being
charged, and it also ensures loop stability. The minimum capacitance for stable loop
operation would be 2.2
µF, but taking the capacitor DC bias and the temperature derating
specifications into account, a low ESR ceramic capacitor of 4.7
µF (X5R/X7R) is highly
recommended. A higher value of capacitance will improve output current ripple, while
01h
Timer control
7 to 5
Reserved
-
-
4
TO_DEF
R/W
0
*
Select time-out limit (default)
1
Select timed operation
3 to 0
TO
R/W
0000
*
820 ms (default)
0001
765 ms
.....
.....
1110
56 ms
1111
1 ms
02h
Flash strobe
7 to 1
Reserved
-
-
-
0
FLASH_STRB
R/W
0
*
-
1
Enable flash
03h
Status
7 to 4
Reserved
-
-
3
OStrig
R
0
*
LED not shorted to GND
1
LED shorted to GND
2
OTPtrig
R
0*
Temperature < maximum temperature
1
Temperature > maximum temperature;
Protection triggered
1
TOtrig
R
0
*
Flash time < Time-out
1
Flash time > Time-out, Protection triggered
0
OVPtrig
R
0
*
VO < Vovp
1VO > Vovp, protection triggered
Table 6.
Description of registers …continued
Legend: * default register value
Address
Register
Bit
Symbol
Access
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com