Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL3250A Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SSL3250A
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250A Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SSL3250A Datasheet HTML 14Page - NXP Semiconductors SSL3250A Datasheet HTML 15Page - NXP Semiconductors SSL3250A Datasheet HTML 16Page - NXP Semiconductors SSL3250A Datasheet HTML 17Page - NXP Semiconductors SSL3250A Datasheet HTML 18Page - NXP Semiconductors SSL3250A Datasheet HTML 19Page - NXP Semiconductors SSL3250A Datasheet HTML 20Page - NXP Semiconductors SSL3250A Datasheet HTML 21Page - NXP Semiconductors SSL3250A Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
SSL3250A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 30 June 2009
18 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
maintaining loop stability. The SSL3250A overvoltage limit on VO is 10.3 V (typ). The rated
voltage of the output capacitor should be at least 16 V. For solution size reasons lower
value ceramic capacitors could be placed in parallel.
9.3 Inductor
The device has been designed to operate well with inductance values between
1.5
µH and 3.3 µH, in order to optimize for solution size. In a typical high current dual flash
LED application a 2.2
µH inductance is recommended. The inductors saturation current
should be greater than or equal to the inductor peak current limiter current, which is typical
2.2 A. During normal operation, it is recommended to keep the inductor peak current
below this value.
The copper losses and magnetic hysteresis losses in the inductor also contribute to the
total system losses.
9.4 Rectifier diode
Selecting a Schottky diode with low forward voltage drop improves efficiency. Although the
average current through the diode is equal to the load current and independent on duty
cycle for a boost converter topology, it is recommended to select a diode with an average
current rating that is significantly higher. The peak current rating of the diode should be
greater than the peak current through the inductor.
9.5 PCB layout
It is essential to have a good circuit layout to maximize efficiency and minimize EMI
disturbance. Because the circuit topology uses an inductor, it is often appointed as a main
source for EMI disturbance. But any loop of wire carrying a current is essentially an
electromagnet with a field strength that is proportional to the current. Therefore careful
circuit layout is important, keeping loop areas small and minimizing magnetic flux. Due to
the way an asynchronous boost converter operates, there are two power states. One state
is when the internal NMOS switch is on and one when the NMOS switch is off. During
each state there will be a current loop made by the power components that are
conducting. Arrange the input capacitor, rectifier diode and output capacitor in such a way
around the SSL3250A that during each of the two states the current loop is conducting in
the same direction. This prevents phase reversal of the magnetic field and reduces
radiated EMI. The current loop area should be kept small by placing the power
components as close as possible to the SSL3250A. Use ground planes to keep loop
areas to a minimum.
Priority should be given to positioning the output capacitor and the rectifier diode as close
as possible to the LX and PGND nodes of the SSL3250A. Since large currents will flow
from the input capacitor to the inductor and not into the VIN pin of the SSL3250A, it is wise
to locate the input capacitor near the inductor. The VIN pin should be star connected to
the positive pad of the input capacitor. It is recommended to place an extra 100 nF
capacitor from VIN to GND directly next to the SSL3250A.
PGND and GND of the SSL3250A should be directly connected to each other preferably
by using the die pad area under the SSL3250A. Place the ground connection of the output
capacitor as close as possible to the PGND pin of the SSL3250A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com