Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8599B Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 13Page - NXP Semiconductors TDF8599B Datasheet HTML 14Page - NXP Semiconductors TDF8599B Datasheet HTML 15Page - NXP Semiconductors TDF8599B Datasheet HTML 16Page - NXP Semiconductors TDF8599B Datasheet HTML 17Page - NXP Semiconductors TDF8599B Datasheet HTML 18Page - NXP Semiconductors TDF8599B Datasheet HTML 19Page - NXP Semiconductors TDF8599B Datasheet HTML 20Page - NXP Semiconductors TDF8599B Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
TDF8599B_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 July 2009
17 of 54
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel class-D power amplifier
In non-I2C-bus mode, when an offset is detected, DCP always gives diagnostic
information on pin DIAG and shuts down both channels.
Connecting a capacitor between pins DCP and AGND enables DC offset protection.
Connecting pin DCP to pin AGND disables DCP in both I2C-bus and non-I2C-bus mode.
8.5.6 Supply voltages
UnderVoltage Protection (UVP) is activated when the supply voltage drops below the UVP
threshold. UVP triggers the UVP circuit causing the system to first mute and then stop
switching. When the supply voltage rises above the threshold level, the system restarts.
OverVoltage Protection (OVP) is activated when the supply voltage exceeds the OVP
threshold. The OVP (or load dump) circuit is activated and the power stages are
shutdown.
An overview of all protection circuits and the amplifier states is given in Table 10.
8.5.7 Overview of protection circuits and amplifier states
[1]
When fault is removed.
[2]
Amplifier gain depends on the junction temperature and size of the heat sink.
[3]
TFP influences restart timing depending on heat sink size.
[4]
Shorted load causes a restart of the channel every 50 ms.
[5]
Latched protection is reset by toggling pin EN or by disabling DCP in I2C-bus mode.
[6]
In I2C-bus mode deep supply voltage drops will cause a Power-On Reset (POR). The restart requires an
I2C-bus command.
8.6 Diagnostic output
8.6.1 Diagnostic table
The diagnostic information for I2C-bus mode and non-I2C-bus mode is shown in Table 11.
The instruction bitmap and data bytes are described in Table 14 and Table 15.
Pins DIAG and CLIP have an open-drain output which must have an external pull-up
resistor connected to an external voltage. Pins CLIP and DIAG can show both fixed and
I2C-bus selectable information.
Table 10.
Overview of TDF8599B protection circuits and amplifier states
Protection circuit name
Amplifier state
Complete
shutdown
Channel
shutdown
Restart[1]
TFP
N[2]
N[2]
Y[3]
OTP
Y
N
Y[3]
OCP
N
Y
Y[4]
WP
N
Y
Y
DCP
Y
N
N[5]
UVP
Y
N
Y[6]
OVP
Y
N
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com