Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8599BTH Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDF8599BTH Datasheet HTML 15Page - NXP Semiconductors TDF8599BTH Datasheet HTML 16Page - NXP Semiconductors TDF8599BTH Datasheet HTML 17Page - NXP Semiconductors TDF8599BTH Datasheet HTML 18Page - NXP Semiconductors TDF8599BTH Datasheet HTML 19Page - NXP Semiconductors TDF8599BTH Datasheet HTML 20Page - NXP Semiconductors TDF8599BTH Datasheet HTML 21Page - NXP Semiconductors TDF8599BTH Datasheet HTML 22Page - NXP Semiconductors TDF8599BTH Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
TDF8599B_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 July 2009
19 of 54
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel class-D power amplifier
The capacitor connected to pin SEL_MUTE (see Figure 3 on page 6) is used to create an
inaudible current test pulse, drawn from the positive amplifier output. The diagnostic
‘speaker load’ (or ‘open load’), based on the voltage difference between pins OUTxP and
OUTxN is shown in Figure 18.
Remark: DC load detection identifies a short circuited speaker as a valid speaker load.
OCP detection, using byte DB1[D3] for channel 1 and byte DB2[D3] for channel 2,
performs diagnostics on shorted loads. However, the diagnostics are performed after the
DC load detection cycle has finished and once the amplifier is in Operating mode.
The result of the DC load detection is stored in bits DB1[D4] and DB2[D4].
Fig 16. DC load detection circuit
Fig 17. DC load detection procedure
Fig 18. DC load detection limits
001aai787
PWM
CONTROL
DRIVER
HIGH
VP
PGND1
OUTN
OUTP
RL
B
DRIVER
LOW
PWM
CONTROL
DRIVER
HIGH
VP
PGND2
DRIVER
LOW
001aai788
out (V)
tdet(DCload)
td(stb-mute)
t (s)
out
−
out+
001aaj956
0
Ω
25
Ω 350 Ω
SPEAKER LOAD
OPEN LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com