Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8599BTH Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDF8599BTH Datasheet HTML 20Page - NXP Semiconductors TDF8599BTH Datasheet HTML 21Page - NXP Semiconductors TDF8599BTH Datasheet HTML 22Page - NXP Semiconductors TDF8599BTH Datasheet HTML 23Page - NXP Semiconductors TDF8599BTH Datasheet HTML 24Page - NXP Semiconductors TDF8599BTH Datasheet HTML 25Page - NXP Semiconductors TDF8599BTH Datasheet HTML 26Page - NXP Semiconductors TDF8599BTH Datasheet HTML 27Page - NXP Semiconductors TDF8599BTH Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
TDF8599B_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 July 2009
24 of 54
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel class-D power amplifier
In non-I2C mode or when IB3[D7] = 0, the information on the MOD and ADS pins is
latched when one of the TDF8599B’s outputs starts switching.
(1) When SCL is HIGH, SDA changes to form the start or
stop condition.
(1) SDA is allowed to change.
(2) All data bits must be valid on the positive edges of SCL.
Fig 22. I2C-bus start and stop conditions
Fig 23. Data bits sent from Master microprocessor
(M
µp)
STOP
START
001aai792
SCL
SDA
M
µp
SLAVE
(1)
SCL
SDA
001aai793
(2)
(1)
M
µp
SLAVE
(1) To stop the transfer after the last acknowledge a stop condition must be generated.
Fig 24. I2C-bus write
001aai794
LSB + 1
LSB + 1
LSB
MSB
− 1
MSB
MSB
− 1
MSB
ACK
ACK
ACK(1)
ACK
STOP
WRITE DATA
WRITE
START
ADDRESS
12
7
8
9
7
8
9
12
SCL
SDA
M
µp
SLAVE
(1) To stop the transfer, the last byte must not be acknowledged (SDA is HIGH) and a stop condition must be generated.
Fig 25. I2C-bus read
001aai795
LSB + 1
LSB + 1
LSB
MSB
− 1
MSB
MSB
− 1
MSB
ACK
ACK(1)
ACKNOWLEDGE
STOP
READ DATA
READ
START
ADDRESS
12
7
8
9
7
8
9
12
SCL
SDA
M
µp
SLAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com