Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCM519 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XCM519
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519 Datasheet(HTML) 2 Page - Torex Semiconductor

  XCM519 Datasheet HTML 1Page - Torex Semiconductor XCM519 Datasheet HTML 2Page - Torex Semiconductor XCM519 Datasheet HTML 3Page - Torex Semiconductor XCM519 Datasheet HTML 4Page - Torex Semiconductor XCM519 Datasheet HTML 5Page - Torex Semiconductor XCM519 Datasheet HTML 6Page - Torex Semiconductor XCM519 Datasheet HTML 7Page - Torex Semiconductor XCM519 Datasheet HTML 8Page - Torex Semiconductor XCM519 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
2/49
XCM519 Series
PIN No.
XCM519
XC9235/XC9236
XC6601
1
DCOUT
VOUT
―
2
AGND
AGND
―
3
EN1
CE
―
4
VIN2
―
VIN
5
VSS2
―
VSS
6
VROUT
―
VOUT
7
EN2
―
CE
8
NC
―
―
9
VBIAS
―
VBIAS
10
VIN1
VIN
―
11
PGND
PGND
―
12
Lx
Lx
―
PIN No
XCM519
FUNCTIONS
1
DCOUT
DC/DC Block: Output Voltage
2
AGND
DC/DC Block: Analog Ground
3
EN1
DC/DC Block: Chip Enable
4
VIN2
Voltage Regulator Block: Power Input
5
VSS2
Voltage Regulator Block: Ground
6
VROUT
Voltage Regulator Block: Output
7
EN2
Voltage Regulator Block: Enable
8
NC
No Connection
9
VBIAS
Voltage Regulator Block: Power Input
10
VIN1
DC/DC Block: Power Input
11
PGND
DC/DC Block: Power Ground
12
Lx
DC/DC Block: Switching
NOTE:
* A dissipation pad on the reverse side of the package should be electrically isolated.
*1: Electrical potential of the XC9235/XC9236’s dissipation pad should be VSS level.
*2: Electrical potential of the XC6601’s dissipation pad should be VSS level.
Care must be taken for an electrical potential of each dissipation pad so as to enhance mounting strength and heat release
when the pad needs to be connected to the circuit.
■PIN ASSIGNMENT
■PIN CONFIGURATIOIN
(TOP VIEW)
(BOTTOM VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com