Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCM519 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XCM519
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519 Datasheet(HTML) 3 Page - Torex Semiconductor

  XCM519 Datasheet HTML 1Page - Torex Semiconductor XCM519 Datasheet HTML 2Page - Torex Semiconductor XCM519 Datasheet HTML 3Page - Torex Semiconductor XCM519 Datasheet HTML 4Page - Torex Semiconductor XCM519 Datasheet HTML 5Page - Torex Semiconductor XCM519 Datasheet HTML 6Page - Torex Semiconductor XCM519 Datasheet HTML 7Page - Torex Semiconductor XCM519 Datasheet HTML 8Page - Torex Semiconductor XCM519 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
3/49
XCM519
Series
●Ordering Information
XCM519A①②③④⑤
DC/DC BLOCK:PWM fixed control
XCM519B①②③④⑤
DC/DC BLOCK:PWM/PFM automatic switching control
●DESIGNATOR①
DC/DC BLOCK
Voltage Regulator BLOCK
①
OSCILLATION
FREQUENCY
CL AUTO
DISCHARGE
SOFT START
Pull-down
A
1.2M
Not Available
Standard
Not Available
B
3.0M
Not Available
Standard
Not Available
C
1.2M
Available
High Speed
Not Available
D
3.0M
Available
High Speed
Not Available
●DESIGNATOR②③
②③
DCOUT
VROUT
01
1.8V
1.2V
02
1.8V
1.5V
03
1.5V
1.2V
04
1.8V
1.0V
05
1.5V
1.0V
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①
Oscillation Frequency and Options
−
See the chart below
② ③
Output Voltage
−
Internally set sequential number relating to output voltage
(See the chart below)
④
Package
D
USP-12B01
⑤
Device Orientation
R
Embossed tape, standard feed
■PRODUCT CLASSIFICATION
*This series are semi-custom products. For other combinations of output voltages please consult with your Torex sales contact.
*When the DCOUT pin is connected to VIN2, DCOUT pin output voltage can be fixed in the range of 1.0V∼3.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com