Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH25 Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # MH25
Description  High Voltage Metal Film Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

MH25 Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  MH25 Datasheet HTML 1Page - IRC - a TT electronics Company. MH25 Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
L
f
D
d
Construction
Thin film material is sputtered onto high grade ceramic rods. Nickel
plated steel caps are force fitted and the termination wires are
welded to the caps. The value is obtained by a helical cut in the
film and finally the resistor body is protected by a cement protection
applied so that the terminations remain completely clear.
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.21.
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2.
Marking
1% tolerance resistors are color coded with 5 bands. 2%
and 5% tolerance have 4. IEC 62 colors are used.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
High Voltage
Metal Film Resistor
Dimensions (mm) & Weight (g)
IRC
Type
L max
D max
f min
d nom
PCB
Mounting
Centers
Min Bend
Radius
MH25
6.2
2.3
21.0
0.6
10.2
0.6
MH37
9.0
3.7
19.6
0.8
12.7
1.2
MH Series Issue October 2008 Sheet 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com