Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH25 Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # MH25
Description  High Voltage Metal Film Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

MH25 Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  MH25 Datasheet HTML 1Page - IRC - a TT electronics Company. MH25 Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Voltage
Metal Film Resistor
MH Series
• Value up to 2M2
• High stability metal film
• High working voltage to 3.5kV
Electrical Data
IRC
Type
Power
Rating
@ 70°C
(watts)
Resistance
Range
(ohms)
Limiting
Element
Voltage
(volts dc or ac
peak)
TCR
(ppm/°C)
Isolation
Voltage
(volts)
Resistance
Tolerance
(%)
Standard
Values
Thermal
Impedance
(°C/watt)
Operating
Temperature
Range
(°C)
MH25
0.25
100K - 2M2
1600
100
700
1, 2, 5
E24 &
E96
Preferred
140
-55 to 155
MH37
0.50
100K - 1M0
3500
112
Performance
Maximum
Typical
Load at Rated Voltage: 1000 hrs at 70°C
1.5
0.47
Derating
Zero at 155°C
Short Time Overload
1.0
0.25
Dry Heat: 16 hrs @ 155°C
1.5
0.2
56 days DHSS
1.5
0.2
Climatic
1.5
0.2
Climatic Category
55/155/56
Temperature Rapid Change
0.5
0.05
Resistance to Solder heat
0.5
0.05
Vibration and Bump
0.5
0.05
Voltage Proof
700 min
Environmental Data
MH Series Issue October 2008 Sheet 1 of 2


Similar Part No. - MH25

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MH25 WELWYN-MH25 Datasheet
88Kb / 2P
High Voltage Metal Film Resistors
logo
Shindengen Electric Mfg...
MH2501SC SHINDENGEN-MH2501SC Datasheet
1Mb / 33P
Easy Multi Interleave Controller for multi-phase interleaved PFC
logo
Welwyn Components Limit...
MH2510MOF WELWYN-MH2510MOF Datasheet
88Kb / 2P
High Voltage Metal Film Resistors
MH2510MOG WELWYN-MH2510MOG Datasheet
88Kb / 2P
High Voltage Metal Film Resistors
MH2510MOJ WELWYN-MH2510MOJ Datasheet
88Kb / 2P
High Voltage Metal Film Resistors
More results

Similar Description - MH25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
5043ED4K640F PHILIPS-5043ED4K640F Datasheet
335Kb / 7P
Standard Metal Film resistor
logo
MERITEK ELECTRONICS COR...
MFM MERITEK-MFM Datasheet
428Kb / 2P
Metal Film MELF Resistor
logo
List of Unclassifed Man...
RNV14FAL1M00 ETC2-RNV14FAL1M00 Datasheet
81Kb / 2P
High Voltage Anti-moisture Metal Film Resistor
logo
WALSIN TECHNOLOGY CORPO...
SF25Q WALSIN-SF25Q Datasheet
2Mb / 10P
SMD metal film resistor
SF25T WALSIN-SF25T Datasheet
555Kb / 10P
SMD metal film resistor
WF25T WALSIN-WF25T Datasheet
670Kb / 10P
SMD metal film resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
Metal Film Melf Resistor
8/10/2022
RNV SEI-RNV Datasheet
284Kb / 5P
High Voltage Anti-moisture Metal Film Resistor
10/22/2020
logo
List of Unclassifed Man...
MCMF ETC-MCMF Datasheet
568Kb / 7P
Metal Film Fixed Resistor
25/11/19 V1.1
logo
RFE international
MGHV25 RFE-MGHV25 Datasheet
603Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com