Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33730 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33730 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33730
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 6.0V
≤ KA_VBAT = VBAT ≤ 26.5V, -40°C ≤ TA ≤ 125°C using the typical application
circuit, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
GENERAL
Power On Reset Delay Time (HR Timer) (see Table 7)
tD_POR
0
56
ms
(Time to RESET up after Regulator in regulation)
Power On Reset Delay Time (HR Timer) Accuracy(10)
-5.0
+5.0
%
Programming Pin Latching Delay(10)
tLD_P
500
µs
SWITCHING REGULATOR
Oscillator Frequency (Switching Freq.) Range - Adjustable (Figure 4)
Freq
100
500
kHz
Oscillator Frequency Tolerance at 100kHz (FREQ Pin Open)
fTOL
90
110
kHz
SW Node Rise Time, VBAT = KA_VBAT = 14V, ISW = 500mA
(10)
SR pin shorted to SW pin
tSW_R
20
ns
SR pin open
12
ns
SR pin shorted to BOOT pin
9
ns
SW Node Fall Time, VBAT = KA_VBAT = 14V, ISW = 500mA(10)
SR pin shorted to SW pin
tSW_F
TBD
ns
SR pin open
TBD
ns
SR pin shorted to BOOT pin
TBD
ns
Notes
10.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com