| Electronic Components Datasheet Search |
|
33730 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
33730 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc |
|
14 / 27 page ![]() Analog Integrated Circuit Device Data 14 Freescale Semiconductor 33730 FUNCTIONAL DESCRIPTION FUNCTIONAL INTERNAL BLOCK DESCRIPTION FUNCTIONAL INTERNAL BLOCK DESCRIPTION 5 VOLT BUCK REGULATOR This is the main regulator that supplies 5 Volts to the following protected and regulated outputs, VREF1, VREF2, VDD3, and VDDL. OSCILLATOR This is the frequency source for the switching (buck) 5 Volt regulator. The frequency of oscillation is selected by an external resistor to ground. BAND GAP REFERENCE This is the main voltage reference, which is used as the standard for all the current and voltage sources in the MC33730. PROTECTION FET DRIVER The protection FET is used to prevent reverse battery connections from damaging the MC33730. The gate drive for the Protection FET is provided by this driver circuit. SLEEP/WAKE CIRCUITRY This circuitry is responsible for the two main modes of operation for the MC33730, Sleep mode and Wake mode. In the Sleep mode, only the keep alive outputs are active, and the rest of the circuitry is in a low power drawing sleep state. In the Wake mode, the MC33730 is fully functional and normal current is being consumed. IGNITION DRIVER This block of circuitry controls all the voltage outputs, except for the keep alive voltage output(s). It also provides an output signal to indicate that the ignition switch has been activated. VREF1 This output is one of two protected 5 volt outputs that can be used to supply external sensors or other analog circuits requiring a regulated, short-circuit protected 5 volt supply. VREF2 This output is one of two protected 5 volt outputs that can be used to supply external sensors or other analog circuits requiring a regulated, short-circuit protected 5 volt supply. VDD3 REGULATOR This is one of three, voltage programmable, regulated supplies. This supply is controlled by the ignition switch. VDDL REGULATOR This is one of three, voltage programmable, regulated supplies. This supply is controlled by the ignition switch. VKAM This is one of three, voltage programmable, regulated supplies. This supply is NOT controlled by the ignition switch. VOLTAGE PROGRAMMING P1, P2, and P3 are three logic level inputs that control the voltage that is available on the VDD3, VDDL and VKAM outputs. Table 6 indicates the 8 different combinations of P1, P2, and P3 and the resultant voltage values. Band Gap Reference Sleep/Wake Circuitry Voltage Programmming Input Protection FET Driver Ignition Input Oscillator 5 Volt Buck Switching Regulator 5 Volt Protected Outputs (VREF1, VREF2) Linear Regulator Outputs (VDDL, VDD3, VKAM) Ignition Driver Reset Circuitry Input Functions Internal Functions Output Functions MC33730 - Functional Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |