Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV630 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSV630
Description  Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV630 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSV630 Datasheet HTML 3Page - STMicroelectronics TSV630 Datasheet HTML 4Page - STMicroelectronics TSV630 Datasheet HTML 5Page - STMicroelectronics TSV630 Datasheet HTML 6Page - STMicroelectronics TSV630 Datasheet HTML 7Page - STMicroelectronics TSV630 Datasheet HTML 8Page - STMicroelectronics TSV630 Datasheet HTML 9Page - STMicroelectronics TSV630 Datasheet HTML 10Page - STMicroelectronics TSV630 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TSV630 - TSV631
Electrical characteristics
7/23
en
Equivalent input noise voltage
f = 1 kHz
f = 10 kHz
65
35
THD+en
Total harmonic distortion
f = 1 kHz, AV =1, RL = 100 kΩ,
Vicm = VCC/2, Vout = 2 VPP
0.0017
%
1.
Guaranteed by design.
Table 6.
Electrical characteristics at VCC = +5 V with VDD = 0 V, Vicm = VCC/2, Tamb = 25° C and
RL connected to VCC/2 (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------
Table 7.
Shutdown characteristics VCC =5V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
ICC
Supply current in shutdown
mode (all operators)
SHDN<VIL
550
nA
Tmin < Top < 85° C
200
nA
Tmin < Top < 125° C
1.5
µA
ton
Amplifier turn-on time
RL =2k, Vout =VDD + 0.2 to
VCC -0.2
300
ns
toff
Amplifier turn-off time
RL =2k, Vout =VDD + 0.2 to
VCC -0.2
30
ns
VIH
SHDN logic high
4.5
V
VIL
SHDN logic low
0.5
V
IIH
SHDN current high
SHDN =VCC
10
pA
IIL
SHDN current low
SHDN =VDD
10
pA
IOLeak
Output leakage in shutdown
mode
SHDN =VDD
50
pA
Tmin < Top < 125° C
1
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com