Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV630 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSV630
Description  Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV630 Datasheet(HTML) 3 Page - STMicroelectronics

  TSV630 Datasheet HTML 1Page - STMicroelectronics TSV630 Datasheet HTML 2Page - STMicroelectronics TSV630 Datasheet HTML 3Page - STMicroelectronics TSV630 Datasheet HTML 4Page - STMicroelectronics TSV630 Datasheet HTML 5Page - STMicroelectronics TSV630 Datasheet HTML 6Page - STMicroelectronics TSV630 Datasheet HTML 7Page - STMicroelectronics TSV630 Datasheet HTML 8Page - STMicroelectronics TSV630 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TSV630 - TSV631
Electrical characteristics
3/23
2
Electrical characteristics
Table 3.
Electrical characteristics at VCC = +1.8 V with VDD = 0 V, Vicm = VCC/2, Tamb = 25° C and
RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV630-TSV631
TSV630A-TSV631A
3
0.5
mV
Tmin < Top < Tmax
TSV630-TSV631
TSV630A-TSV631A
4.5
2
DVio
Input offset voltage drift
2
μV/°C
Iio
Input offset current
(Vout =VCC/2)
110(1)
pA
Tmin < Top < Tmax
1100
Iib
Input bias current
(Vout =VCC/2)
110(1)
pA
Tmin < Top < Tmax
1100
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0V to 1.8V, Vout = 0.9 V
53
74
dB
Tmin < Top < Tmax
51
Avd
Large signal voltage gain
RL= 10 kΩ, Vout = 0.5 V to 1.3 V
85
95
dB
Tmin < Top < Tmax
80
VOH
High level output voltage
RL =10 kΩ
35
5
mV
Tmin < Top < Tmax
50
VOL
Low level output voltage
RL =10 kΩ
435
mV
Tmin < Top < Tmax
50
Iout
Isink
Vo = 1.8 V
6
12
mA
Tmin < Top < Tmax
4
Isource
Vo = 0 V
6
10
mA
Tmin < Top < Tmax
4
ICC
Supply current
SHDN = VCC
No load, Vout =VCC/2
40
50
60
µA
Tmin < Top < Tmax
62
AC performance
GBP
Gain bandwidth product
RL =2kΩ, CL=100 pF, f= 100 kHz
700
790
kHz
φm
Phase margin
RL =2 kΩ, CL = 100 pF
48
Degrees
Gm
Gain margin
RL =2 kΩ, CL = 100 pF
11
dB
SR
Slew rate
RL =2 kΩ, CL = 100 pF, Av = 1
0.2
0.27
V/
μs
en
Equivalent input noise voltage
f = 1 kHz
f = 10 kHz
65
35
1.
Guaranteed by design.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com