Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC5350 Datasheet(PDF) 2 Page - Texas Instruments

Part # UC5350
Description  CAN Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC5350 Datasheet(HTML) 2 Page - Texas Instruments

  UC5350 Datasheet HTML 1Page - Texas Instruments UC5350 Datasheet HTML 2Page - Texas Instruments UC5350 Datasheet HTML 3Page - Texas Instruments UC5350 Datasheet HTML 4Page - Texas Instruments UC5350 Datasheet HTML 5Page - Texas Instruments UC5350 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
UC5350
CONNECTION DIAGRAM
DIL-8, SOIC-8 (Top View)
N, D Package
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 9V
TXD, RXD, VREF, RS . . . . . . . . . . . . . . . –0.3V to VCC + 0.3V
CANL, CANH
0V < VCC < 5.5V. . . . . . . . . . . . . . . . . . . . . . . . –8V to +36V
Non-Destructive, Non-Operative . . . . . . . . . . . . –8V to +32V
Transient, Schaffner Test (Fig. 1) . . . . . . . . . –150 to +100V
Operating Temperature . . . . . . . . . . . . . . . . . . –40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Crosswire Protection Maximum VBUS . . . . . . . . . . . . . . . . 30V
Bus Differential Voltage* . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Cross Wire Protection TA . . . . . . . . . . . . . . . . . –40°C to 125°C
ELECTRICAL CHARACTERISTICS (Total Device) Unless otherwise stated, the device is disconnected from the bus
line; VCC = 4.5V to 5.5V; 60
in parallel with 100pF load between CANH and CANL; TA = –40°C to +85°C, TA =TJ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
4.5
5.5
V
Supply Current
Dominant, TXD = 1V
70
mA
Recessive, TXD = 4V
9
14
mA
Standby, RS = 4V
1.2
2.0
mA
RS Input Current
–10
5
µA
RS Voltage Input = Logic 1
Standby
0.75VCC
V
RS Voltage Input = Logic 0
High Speed
0.3VCC
V
Transmitter Voltage Input = Logic 1
Transmitter Output Recessive
0.7VCC
V
Transmitter Voltage Input = Logic 0
Transmitter Output Dominant
0.3VCC
V
Transmitter Current Input at Logic 1
TXD = 4V
30
µA
Transmitter Current Input at Logic 0
TXD = 1V
–30
30
µA
Receiver Voltage Output = Logic 1
RXD = –100
µA, TXD = 4V
VCC –1.25
V
Receiver Voltage Output = Logic 0
RXD = 1mA, TXD = 1V
0.75
1.2
V
RXD = 10mA, TXD = 1V
1.2
1.7
V
CANH, CANL Input Resistance
No Load, TXD = 4V
20
40
k
Ω
Differential Input Resistance
No Load, TXD = 4V
40
80
k
Ω
CANH, CANL Input Capacitance
(Note 1)
20
pF
Differential Input Capacitance
(Note 1)
10
pF
Reference Output Voltage
VREF =
±50µA
0.45VCC
0.55VCC
V
Note 1: Guaranteed by design. Not 100% tested in production.
See Figure 7 for Pulse Timing
Figure 1. Schaffner Test
UDG-96203-1
Currents are positive into, negative out of the specified
terminal.
Consult Packaging Section of the Databook for thermal
limitations and considerations of packages.
*Refers to Figures 9, 10, 11, 12 and 13.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com