Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC5350 Datasheet(PDF) 4 Page - Texas Instruments

Part # UC5350
Description  CAN Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC5350 Datasheet(HTML) 4 Page - Texas Instruments

  UC5350 Datasheet HTML 1Page - Texas Instruments UC5350 Datasheet HTML 2Page - Texas Instruments UC5350 Datasheet HTML 3Page - Texas Instruments UC5350 Datasheet HTML 4Page - Texas Instruments UC5350 Datasheet HTML 5Page - Texas Instruments UC5350 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
UC5350
0.5V
2.25V
2.75V
3.5V
4.5V
5V
RANGE OF VCANH (SHADED)
VCANH (MAX)
VCANH (MIN)
VCANL (MIN)
VCANL (MAX)
∆ V6,7 = 1.5V (MIN)
∆ V6,7 = 3V (MAX)
Figure 4. Dominant State Voltage Diagram
—7V
—2V
0V
—6.1V
12V
BUS CMR (MAX)
VCANL
5V
BUS CMR (MIN)
VCANH
VDIFF(D) = 0.9V (MIN)
VDIFF(D) = 5V (MAX)
Figure 5. Dominant State Voltage Diagram
Valid voltage range of VCANH for sensing dominant bus state
as VCANL varies. TXD = LOGIC 0
UDG-97161
Valid voltage range of VCANH for sensing dominant bus
state as VCANL varies over bus common mode range.
TXD = LOGIC 0
ELECTRICAL CHARACTERISTICS (DC Parameters For Dominant State) Unless otherwise stated, the device
is disconnected from the bus line; 60
in parallel with 100pF load between CANH and CANL. VCC = 4.5V to 5.5V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CANH Output Voltage (VCANH)
TXD = 1V (Figure 4)
2.75
4.5
V
CANL Output Voltage (VCANL)
TXD = 1V (Figure 4)
0.50
1.1
2.25
V
Differential Output Transmitter (VCANH -VCANL) TXD = 1V (Figure 4)
1.5
2
3
V
Differential Input Receiver (VDIFF(D))
Common Mode Range = –2 to +7V, TXD = 4V,
CANH, CANL Externally Driven (Figure 5)
0.9
5
V
Common Mode Range = –7 to +12V, TXD = 4V,
CANH, CANL Externally Driven (Figure 5)
1.0
5
V
UDG-97160
TRANSMITTER CHARACTERISTICS
Unless otherwise stated, the device is disconnected from the bus line; 60
Ω in
parallel with 100pF load between CANH and CANL.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Differential Output Transmitter
(VCANH -VCANL)
Dominant Mode
1.5
2
3
V
Recessive Mode
–500
50
mV
Delay From TXD to Bus Active TON (TXD)
(Figure 6)
50
100
ns
Delay From TXD to Bus Inactive TOFF (TXD) 60
Ω Across CANH and CANL (Figure 6)
20
110
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com