Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1007D Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1007D
Description  1-Mbit (1M x 1) Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1007D Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1007D Datasheet HTML 1Page - Cypress Semiconductor CY7C1007D Datasheet HTML 2Page - Cypress Semiconductor CY7C1007D Datasheet HTML 3Page - Cypress Semiconductor CY7C1007D Datasheet HTML 4Page - Cypress Semiconductor CY7C1007D Datasheet HTML 5Page - Cypress Semiconductor CY7C1007D Datasheet HTML 6Page - Cypress Semiconductor CY7C1007D Datasheet HTML 7Page - Cypress Semiconductor CY7C1007D Datasheet HTML 8Page - Cypress Semiconductor CY7C1007D Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY7C107D
CY7C1007D
Document #: 38-05469 Rev. *E
Page 4 of 10
Capacitance [4]
Parameter
Description
Test Conditions
Max
Unit
CIN: Addresses
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 5.0V
7
pF
CIN: Controls
10
pF
COUT
Output Capacitance
10
pF
Thermal Resistance [4]
Parameter
Description
Test Conditions
300-Mil
Wide SOJ
400-Mil
Wide SOJ
Unit
ΘJA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 × 4.5 inch,
four-layer printed circuit board
59.16
58.76
°C/W
ΘJC
Thermal Resistance
(Junction to Case)
40.84
40.54
°C/W
AC Test Loads and Waveforms [5]
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
Rise Time:
≤ 3 ns
Fall Time:
≤ 3 ns
30 pF*
OUTPUT
Z = 50
Ω
50
Ω
1.5V
(b)
(a)
5V
OUTPUT
5 pF
(c)
R1 480
Ω
R2
255
Ω
High-Z characteristics:
INCLUDING
JIG AND
SCOPE
Notes
4. Tested initially and after any design or process changes that may affect these parameters.
5. AC characteristics (except High-Z) are tested using the load conditions shown in Figure (a). High-Z characteristics are tested for all speeds using the test load
shown in Figure (c).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com