Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1007D Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1007D
Description  1-Mbit (1M x 1) Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1007D Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1007D Datasheet HTML 1Page - Cypress Semiconductor CY7C1007D Datasheet HTML 2Page - Cypress Semiconductor CY7C1007D Datasheet HTML 3Page - Cypress Semiconductor CY7C1007D Datasheet HTML 4Page - Cypress Semiconductor CY7C1007D Datasheet HTML 5Page - Cypress Semiconductor CY7C1007D Datasheet HTML 6Page - Cypress Semiconductor CY7C1007D Datasheet HTML 7Page - Cypress Semiconductor CY7C1007D Datasheet HTML 8Page - Cypress Semiconductor CY7C1007D Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CY7C107D
CY7C1007D
1-Mbit (1M x 1) Static RAM
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-05469 Rev. *E
Revised February 22, 2007
Features
• Pin- and function-compatible with CY7C107B/CY7C1007B
• High speed
—tAA = 10 ns
• Low Active Power
—ICC = 80 mA @ 10 ns
• Low CMOS Standby Power
—ISB2 = 3 mA
• 2.0V Data Retention
• Automatic power-down when deselected
• CMOS for optimum speed/power
• TTL-compatible inputs and outputs
• CY7C107D available in Pb-free 28-pin 400-Mil wide Molded
SOJ package. CY7C1007D available in Pb-free 28-pin
300-Mil wide Molded SOJ package
Functional Description [1]
The CY7C107D and CY7C1007D are high-performance
CMOS static RAMs organized as 1,048,576 words by 1 bit.
Easy memory expansion is provided by an active LOW Chip
Enable (CE) and tri-state drivers. These devices have an
automatic
power-down
feature
that
reduces
power
consumption by more than 65% when deselected. The output
pin (DOUT) is placed in a high-impedance state when:
• Deselected (CE HIGH)
• When the write operation is active (CE and WE LOW)
Write to the device by taking Chip Enable (CE) and Write
Enable (WE) inputs LOW. Data on the input pin (DIN) is written
into the memory location specified on the address pins (A0
through A19).
Read from the device by taking Chip Enable (CE) LOW while
while forcing Write Enable (WE) HIGH. Under these condi-
tions, the contents of the memory location specified by the
address pins appears on the data output (DOUT) pin.
Logic Block Diagram
POWER
DOWN
CE
WE
A0
A1
A2
A3
A4
A5
A6
A7
A8
1M x 1
ARRAY
INPUT BUFFER
COLUMN DECODER
DIN
DOUT
Note
1. For guidelines on SRAM system design, please refer to the ‘System Design Guidelines’ Cypress application note, available on the internet at www.cypress.com.


Similar Part No. - CY7C1007D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1007D CYPRESS-CY7C1007D Datasheet
835Kb / 14P
1-Mbit (1M x 1) Static RAM Low active power
CY7C1007D-10VXI CYPRESS-CY7C1007D-10VXI Datasheet
898Kb / 11P
1-Mbit (1M x 1) Static RAM
CY7C1007D-10VXI CYPRESS-CY7C1007D-10VXI Datasheet
835Kb / 14P
1-Mbit (1M x 1) Static RAM Low active power
More results

Similar Description - CY7C1007D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
1M x 1 Static RAM
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
1M x 1 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
1M x 1 Static RAM
CY7C107D CYPRESS-CY7C107D Datasheet
872Kb / 10P
1-Mbit (1M x 1) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
1-Mbit (128K x 8) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
1-Mbit (64K x 16) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
1 Mbit (128K x 8) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
1-Mbit (64K x 16) Static RAM
CY7C107D CYPRESS-CY7C107D_11 Datasheet
898Kb / 11P
1-Mbit (1M x 1) Static RAM
CY7C107D_1104 CYPRESS-CY7C107D_1104 Datasheet
835Kb / 14P
1-Mbit (1M x 1) Static RAM Low active power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com