Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3070EUFD Datasheet(PDF) 1 Page - Linear Technology

Part # LT3070EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070EUFD Datasheet(HTML) 1 Page - Linear Technology

  LT3070EUFD Datasheet HTML 1Page - Linear Technology LT3070EUFD Datasheet HTML 2Page - Linear Technology LT3070EUFD Datasheet HTML 3Page - Linear Technology LT3070EUFD Datasheet HTML 4Page - Linear Technology LT3070EUFD Datasheet HTML 5Page - Linear Technology LT3070EUFD Datasheet HTML 6Page - Linear Technology LT3070EUFD Datasheet HTML 7Page - Linear Technology LT3070EUFD Datasheet HTML 8Page - Linear Technology LT3070EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Electrical Specifications Subject to Change
LT3070
1
3070p
APPLICATIONS
n FPGA and DSP Supplies
n ASIC and Microprocessor Supplies
n Servers and Storage Devices
n Post Buck Regulation and Supply Isolation
TYPICAL APPLICATION
DESCRIPTION
5A, Low Noise,
Programmable Output,
85mV Dropout
Linear Regulator
The LT
®3070 is a low voltage, UltraFast™ transient re-
sponse linear regulator. The device supplies up to 5A of
output current with a typical dropout voltage of 85mV.
A 0.01μF reference bypass capacitor decreases output
voltage noise to 25μVRMS. The LT3070’s high bandwidth
permits the use of low ESR ceramic capacitors, saving
bulk capacitance and cost. The LT3070’s features make
it ideal for high performance FPGAs, microprocessors or
sensitive communication supply applications.
Output voltage is digitally selectable in 50mV increments
over a 0.8V to 1.8V range. A margining function allows the
user to tolerance system output voltage in increments of
±1%, ±3% or ±5%. The IC incorporates a unique tracking
function to control a buck regulator powering the LT3070’s
input. This tracking function drives the buck regulator to
maintain the LT3070’s input voltage to VOUT + 300mV,
minimizing power dissipation.
Internal protection includes UVLO, reverse-current protec-
tion, precision current limiting with power foldback and
thermal shutdown. The LT3070 regulator is available in a
thermally enhanced 28-lead, 4mm
× 5mm QFN package.
0.9V, 5A Regulator
FEATURES
n Output Current: 5A
n Dropout Voltage: 85mV Typical
n Digitally Programmable VOUT: 0.8V to 1.8V
n Digital Output Margining: ±1%, ±3% or ±5%
n Low Output Noise: 25μVRMS (10Hz to 100kHz)
n Parallelable: Use Two for a 10A Output
n Precision Current Limit: ±10%
n ±1% Accuracy Over Line, Load and Temperature
n Stable with Low ESR Ceramic Output Capacitors
(15μF Minimum)
n High Frequency PSRR: 35dB at 1MHz
n Enable Function Turns Output On/Off
n VIOC Pin Controls Buck Converter to Maintain Low
Power Dissipation and Optimize Efficiency
n PWRGD/UVLO Flag
n Current Limit Foldback Protection
n Thermal Shutdown
n 28-Lead (4mm
× 5mm) QFN Package
Dropout Voltage
XXX
0
2
3
40
LTXXXX • TPCXX
1
0
10
20
PLACE HOLDER
30
4
BIAS
50k
LT3070
IN
EN
VO0
VO1
330μF
2.2μF
2.2μF
0.01μF
1nF
4.7μF
3070 TA01a
10μF
PWRGD
VOUT
0.9V
5A
VO2
MARGSEL
MARGTOL
VIOC
SENSE
OUT
VBIAS
2.2V TO 3.6V
VIN
1.2V
PWRGD
REF/BYP
GND
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. UltraFast is a trade mark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT3070EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3070EUFD LINER-LT3070EUFD Datasheet
510Kb / 28P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070EUFDPBF LINER-LT3070EUFDPBF Datasheet
510Kb / 28P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070EUFDTR LINER-LT3070EUFDTR Datasheet
510Kb / 28P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070EUFDTRPBF LINER-LT3070EUFDTRPBF Datasheet
510Kb / 28P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
More results

Similar Description - LT3070EUFD

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
5A Low Dropout Linear Regulator
logo
Linear Technology
LT3070 LINER-LT3070_1 Datasheet
510Kb / 28P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3071 LINER-LT3071 Datasheet
518Kb / 28P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Linear Technology
LT3070 LINER-LT3070_15 Datasheet
838Kb / 30P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3071 LINER-LT3071_15 Datasheet
1Mb / 30P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com