Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3582 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3582 Datasheet HTML 4Page - Linear Technology LT3582 Datasheet HTML 5Page - Linear Technology LT3582 Datasheet HTML 6Page - Linear Technology LT3582 Datasheet HTML 7Page - Linear Technology LT3582 Datasheet HTML 8Page - Linear Technology LT3582 Datasheet HTML 9Page - Linear Technology LT3582 Datasheet HTML 10Page - Linear Technology LT3582 Datasheet HTML 11Page - Linear Technology LT3582 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT3582/LT3582-5/LT3582-12
8
3582512f
PIN FUNCTIONS
CA (Pin 1): I2C Address Select Pin. Tie this pin to VIN to set
the 7-bit address to 0110 001. Tie to GND for 1000 101.
VOUTN (Pin 2): Negative Output Voltage Pin. When the con-
verter is operating, this pin is regulated to the programmed
negative output voltage. Place a ceramic capacitor from
this pin to GND.
SWN (Pins 3 & 4): Negative switching node for the In-
verting converter. This is the drain of the internal PMOS
power switch. Connect one end of the Inverting inductor
to these pins. Keep the trace area on these pins as small
as possible.
VIN (Pin 5): Input supply pin and source of the PMOS
power switch. This pin must be bypassed locally with a
ceramic capacitor. The operating voltage range of this pin
is 2.55V to 5.5V.
RAMPN (Pin 6): Soft start ramp pin for the Inverting
converter. Place a capacitor from this pin to GND. A
programmable current of 1μA - 8μA (LT3582) or 1μA
(LT3582-5/LT3582-12) charges this pin during startup,
limiting the ramp rate of VOUTN. This pin is discharged to
GND during shutdown.
RAMPP (Pin 7): Soft start ramp pin for the Boost converter.
Place a capacitor from this pin to GND. A programmable
currentof1μA-8μA(LT3582)or1μA(LT3582-5/LT3582-12)
charges this pin during startup, limiting the ramp rate of
VOUTP. This pin is discharged to GND in shutdown.
SHDN (Pin 8): Shutdown Pin. Drive this pin to 1.1V or
higher to enable the part. Drive to 0.3V or lower to shut
down. Includes an integrated 222k pulldown resistor.
VOUTP (Pin 9): Output of the Boost converter output
disconnect circuit. A ceramic capacitor should be placed
from this node to GND. During shutdown, this pin is
disconnected from the Boost network which allows this
pin to discharge to GND, assuming a load is present to
discharge the capacitance.
CAPP (Pins 10 & 11): Connect the Boost output capacitor
from these pins to GND. During shutdown, the voltage on
these pins will remain close to the input voltage due to
the path through the Boost inductor and Schottky. During
normal operation, CAPP will be boosted slightly higher
than the programmed output voltage.
SWP (Pin 12): Positive switching node for the Boost
converter. This is the drain of the internal NMOS power
switch. Connect one end of the Boost inductor to this pin.
Keep the trace area on this pin as small as possible.
GND (Pin 13): Ground Pin. Tie to a local ground plane.
Proper PCB layout is required to achieve advertised
performance; see Applications Information section for
more information.
VPP (Pin 14): Programming Voltage Pin. Drive this pin
to 13-15V when programming the OTP memory. Float
otherwise. A bypass capacitor should be placed from
this node to GND if VPP is used for programming. If VPP
falls below 13V during OTP programming, an internal
FAULT bit, which can be read through the I2C interface,
can be set high.
SDA (Pin 15): I2C Bidirectional Data Pin. Tie to GND or
VIN if unused.
SCL (Pin 16): I2C Clock Pin. Tie to GND or VIN if
unused.
Exposed Pad (Pin 17): Ground Pin. Tie to a local ground
plane. Proper PCB layout is required to achieve advertised
performance; see Applications Information section for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com