Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3582 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3582 Datasheet HTML 5Page - Linear Technology LT3582 Datasheet HTML 6Page - Linear Technology LT3582 Datasheet HTML 7Page - Linear Technology LT3582 Datasheet HTML 8Page - Linear Technology LT3582 Datasheet HTML 9Page - Linear Technology LT3582 Datasheet HTML 10Page - Linear Technology LT3582 Datasheet HTML 11Page - Linear Technology LT3582 Datasheet HTML 12Page - Linear Technology LT3582 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3582/LT3582-5/LT3582-12
9
3582512f
BLOCK DIAGRAM
+
–
+
–
VIN
SWN
SWN
FBN
VCN
VCP
OTP
RAMPN
RAMPP
VOUTN
3582512 BD
CAPP
GND
SHDN
CHIP ENABLE
222k
VPP
SCL
SDA
CA
OTP
SWP
CAPP
VOUTP
–
+
–
+
+
–
2V
OTP ADJUST
OTP ADJUST
0.80V
0.75V
CAPP
VOUTP
VOUTN
VIN
FBP
FBN
50mV
2V
OUTPUT SEQUENCING
BY OTP
IPEAK TOFF
CONTROL
IPEAK TOFF
CONTROL
Q
S
QR
Q
S
Q
R
VARIABLE DELAY
VARIABLE DELAY
+
–
+
DISCONNECT
CONTROL
SERIAL INTERFACE,
LOGIC AND OTP
OUTPUT SEQUENCING
VIN
0.80V
FBP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com