Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3598 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3598
Description  6-String 30mA LED Driver with 1.5% Current Matching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3598 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3598 Datasheet HTML 15Page - Linear Technology LT3598 Datasheet HTML 16Page - Linear Technology LT3598 Datasheet HTML 17Page - Linear Technology LT3598 Datasheet HTML 18Page - Linear Technology LT3598 Datasheet HTML 19Page - Linear Technology LT3598 Datasheet HTML 20Page - Linear Technology LT3598 Datasheet HTML 21Page - Linear Technology LT3598 Datasheet HTML 22Page - Linear Technology LT3598 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3598
19
3598fa
TYPICAL APPLICATIONS
Auto Battery Powered Driver for 20 LEDs with 90mA Each String
Efficiency
L1
4.7μH
C2
4.7μF
3598 TA04a
LT3598
VO_SW
FB
OPENLED
RT
LED1
LED2
LED3
LED4
LED5
LED6
VOUT
SW
VIN
R10
20k
CTRL
VREF
PWM
SHDN
SYNC
PWM
SHDN
CTRL
CTRL
100k
PVIN
6V TO 40V
C3
2.2μF
VIN
5V
D1
R4
1.00M
R5
30.9k
C1
2.2μF
R3
9.76k
C1: NIPPON CHEMI-CON KTS500B225M32NOTOO
C2: MURATA GRM32ER71H475KA88L
C3: TAIYO YUDEN LMK212BJ225MG
D1: VISHAY SS3H9
L1: WÜRTH ELEKTRONIK 7447785004
VC
SS
GND
TSET ISET
C4
0.1μF
C5
56pF
R1
51.1k
90mA
R7
100k
RC
5.11k
CC
6.8nF
R8
60.4k
Dimming Range 1000:1 PWM,
10ms Period (125°C Junction Temperature)
TOTAL LED CURRENT (mA)
0
80
85
90
140
75
70
40
80
20
180
60
100
160
120
65
60
95
3598 TA04b
5μs/DIV
PWM
5V/DIV
ILED1
100mA/DIV
3598 TA04c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com