Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3598 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3598
Description  6-String 30mA LED Driver with 1.5% Current Matching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3598 Datasheet(HTML) 3 Page - Linear Technology

  LT3598 Datasheet HTML 1Page - Linear Technology LT3598 Datasheet HTML 2Page - Linear Technology LT3598 Datasheet HTML 3Page - Linear Technology LT3598 Datasheet HTML 4Page - Linear Technology LT3598 Datasheet HTML 5Page - Linear Technology LT3598 Datasheet HTML 6Page - Linear Technology LT3598 Datasheet HTML 7Page - Linear Technology LT3598 Datasheet HTML 8Page - Linear Technology LT3598 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3598
3
3598fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSHDN = VIN unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
3
3.2
V
Maximum Operating Voltage
30
V
Reference Voltage
l
1.216
1.210
1.230
1.260
1.260
V
V
Reference Voltage Line Regulation
3 < VIN < 30V, VC = 0.3V
0.01
0.03
%/V
Maximum VREF Pin Current
Out of Pin
200
μA
FB Pin Bias Current
VFB = 1.230V (Note 3)
100
250
nA
FB Error Amp Transconductance
ΔI = 5μA
300
μmhos
FB Error Amp Voltage Gain
600
V/V
FB Pin Voltage
1.22
1.24
1.26
V
Current Loop Amp Transconductance
21
μmhos
Current Loop Amp Voltage Gain
80
V/V
VC Sink Current
10
μA
Quiescent Current
VSHDN = 5V, PWM = 0V, Not Switching
3.5
5
mA
Quiescent Current in Shutdown
VSHDN = 0V
0
1
μA
ISET Voltage
VCTRL = 1.5V, VTSET = 1.5V, RISET = 14.7kΩ
0.985
1.000
1.015
V
LED Current
RISET = 14.7kΩ
19.5
20
20.7
mA
LED String Current Matching
20mA LED Current
l
±0.5
±1.5
%
LED Open Detection Threshold
0.2
0.25
V
OPENLED Sink Current
2mA
Minimum LED Regulation Voltage
0.8
V
LED1-6 Leakage Current
VLED1-6 = 1V, VOUT = 5V, PWM = 0V
VLED1-6 = 42V, VOUT = 44V, PWM = 0V
0.1
0.2
1
2
μA
μA
CTRL Pin Bias Current
VCTRL = 0.8V (Note 4)
50
125
nA
Switching Frequency
RT = 309kΩ
RT = 51.1kΩ
RT = 14.7kΩ
171
0.9
2.25
190
1
2.5
209
1.1
2.75
kHz
MHz
MHz
TSET Voltage
602
mV
Maximum Switch Duty Cycle
RT = 309kΩ
RT = 51.1kΩ
RT = 14.7kΩ
l
90
87
80
95
90
86
%
%
%
Switch Current Limit
(Note 5)
1.5
2
2.5
A
Switch VCESAT
ISW = 0.5A
0.12
V
Switch Leakage Current
VSW = 40V
0.2
5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com