Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22150FCT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY22150FCT
Description  One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22150FCT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY22150FCT Datasheet HTML 5Page - Cypress Semiconductor CY22150FCT Datasheet HTML 6Page - Cypress Semiconductor CY22150FCT Datasheet HTML 7Page - Cypress Semiconductor CY22150FCT Datasheet HTML 8Page - Cypress Semiconductor CY22150FCT Datasheet HTML 9Page - Cypress Semiconductor CY22150FCT Datasheet HTML 10Page - Cypress Semiconductor CY22150FCT Datasheet HTML 11Page - Cypress Semiconductor CY22150FCT Datasheet HTML 12Page - Cypress Semiconductor CY22150FCT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CY22150
Document #: 38-07104 Rev. *I
Page 9 of 16
Figure 5. Start and Stop Frame
Figure 6. Frame Format (Device Address, R/W, Register Address, Register Data
SDAT
SCLK
START
Transition
to next bit
STOP
SDAT
SCLK
DA6
DA5DA0
R/W ACK
RA7
RA6RA1
RA0
ACK
STOP
START
ACK
D7
D6
D1
D0
++
+
+
+
+
Parameter
Description
Min
Max
Unit
fSCLK
Frequency of SCLK
400
kHz
Start mode time from SDA LOW to SCL LOW
0.6
μs
CLKLOW
SCLK LOW period
1.3
μs
CLKHIGH
SCLK HIGH period
0.6
μs
tSU
Data transition to SCLK HIGH
100
ns
tDH
Data hold (SCLK LOW to data transition)
0
ns
Rise time of SCLK and SDAT
300
ns
Fall time of SCLK and SDAT
300
ns
Stop mode time from SCLK HIGH to SDAT HIGH
0.6
μs
Stop mode to Start mode
1.3
μs
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com