Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22150FCT Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY22150FCT
Description  One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22150FCT Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY22150FCT Datasheet HTML 8Page - Cypress Semiconductor CY22150FCT Datasheet HTML 9Page - Cypress Semiconductor CY22150FCT Datasheet HTML 10Page - Cypress Semiconductor CY22150FCT Datasheet HTML 11Page - Cypress Semiconductor CY22150FCT Datasheet HTML 12Page - Cypress Semiconductor CY22150FCT Datasheet HTML 13Page - Cypress Semiconductor CY22150FCT Datasheet HTML 14Page - Cypress Semiconductor CY22150FCT Datasheet HTML 15Page - Cypress Semiconductor CY22150FCT Datasheet HTML 16Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CY22150
Document #: 38-07104 Rev. *I
Page 13 of 16
Ordering Information
Ordering Code
Package Type
Operating Range
Operating Voltage
CY22150FC[11]
16-Pin TSSOP
Commercial (0 to 70°C)
3.3V
CY22150FCT[11]
16-Pin TSSOP - Tape and Reel
Commercial (0 to 70°C)
3.3V
CY22150FI[11]
16-Pin TSSOP
Industrial (–40 to 85°C)
3.3V
CY22150ZI-xxxT[10, 11]
16-Pin TSSOP- Tape and Reel
Industrial (–40 to 85°C)
3.3V
CY22150KFC
16-Pin TSSOP
Commercial (0 to 70°C)
3.3V
CY22150KFCT
16-Pin TSSOP - Tape and Reel
Commercial (0 to 70°C)
3.3V
CY22150KFI
16-Pin TSSOP
Industrial (–40 to 85°C)
3.3V
CY22150KZI-xxx[10]
16-Pin TSSOP
Industrial (–40 to 85°C)
3.3V
CY22150KZI-xxxT[10]
16-Pin TSSOP- Tape and Reel
Industrial (–40 to 85°C)
3.3V
Pb-Free
CY22150FZXC[11]
16-Pin TSSOP
Commercial (0 to 70°C)
3.3V
CY22150FZXCT[11]
16-Pin TSSOP - Tape and Reel
Commercial (0 to 70°C)
3.3V
CY22150FZXI[11]
16-Pin TSSOP
Industrial (–40 to 85°C)
3.3V
CY22150FZXIT[11]
16-Pin TSSOP - Tape and Reel
Industrial (–40 to 85°C)
3.3V
CY22150ZXC-xxx[10, 11]
16-Pin TSSOP
Commercial (0 to 70°C)
3.3V
CY22150ZXC-xxxT[10, 11]
16-Pin TSSOP- Tape and Reel
Commercial (0 to 70°C)
3.3V
CY22150ZXI-xxx[10, 11]
16-Pin TSSOP
Industrial (–40 to 85°C)
3.3V
CY22150ZXI-xxxT[10, 11]
16-Pin TSSOP- Tape and Reel
Industrial (–40 to 85°C)
3.3V
CY22150KFZXC
16-Pin TSSOP
Commercial (0 to 70°C)
3.3V
CY22150KFZXCT
16-Pin TSSOP - Tape and Reel
Commercial (0 to 70°C)
3.3V
CY22150KFZXI
16-Pin TSSOP
Industrial (–40 to 85°C)
3.3V
CY22150KFZXIT
16-Pin TSSOP - Tape and Reel
Industrial (–40 to 85°C)
3.3V
CY22150KZXI-xxxT[10]
16-Pin TSSOP- Tape and Reel
Industrial (–40 to 85°C)
3.3V
Programmer
CY3672-USB
FTG Programmer with USB interface
CY3672ADP000
CY22150 Socket for CY3672-USB
Notes
7. Not 100% tested, guaranteed by design.
8. Skew value guaranteed when outputs are generated from the same divider bank. See Logic Block Diagram on page 1 for more information.
9. Jitter measurements vary. Actual jitter is dependent on XIN jitter and edge rate, number of active outputs, output frequencies, VDDL, (2.5V or 3.3V jitter)
10. The CY22150ZC-xxx and CY22150ZI-xxx are factory programmed configurations. Factory programming is available for high volume design opportunities of
100 Ku/year or more in production. For more details, contact your local Cypress FAE or Cypress Sales Representative.
11. Not recommended for new designs.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com