Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY25819SC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY25819SC
Description  Spread Spectrum Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25819SC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY25819SC Datasheet HTML 1Page - Cypress Semiconductor CY25819SC Datasheet HTML 2Page - Cypress Semiconductor CY25819SC Datasheet HTML 3Page - Cypress Semiconductor CY25819SC Datasheet HTML 4Page - Cypress Semiconductor CY25819SC Datasheet HTML 5Page - Cypress Semiconductor CY25819SC Datasheet HTML 6Page - Cypress Semiconductor CY25819SC Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Spread Spectrum Clock Generator
CY25818/19
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-07362 Rev. *B
Revised April 11, 2006
Features
• 8- to 32-MHz input frequency range
• CY25818: 8–16 MHz
• CY25819: 16–32 MHz
• Separate modulated and unmodulated clocks
• Accepts clock, crystal, and resonator inputs
• Down spread modulation
• Power-down function
• Low-power dissipation
— CY25818 = 33 mW-typ @ 8 MHz
— CY25818 = 56 mW-typ @ 16 MHz
— CY25819 = 36 mW-typ @ 16 MHz
— CY25819 = 63 mW-typ @ 32 MHz
• Low cycle-to-cycle jitter
— SSCLK = 250 ps-typ
— REFOUT = 275 ps-typ
• Available in 8-pin (150-mil) SOIC package
Applications
• Printers and MFPs
• LCD panels and notebook PCs
• Digital copiers
•PDAs
• Automotive
• CD-ROM, VCD, and DVD
• Networking and LAN/WAN
•Scanners
•Modems
• Embedded digital systems
Benefits
• Peak electromagnetic interference (EMI) reduction by
8–16 dB
• Fast time to market
• Cost reduction
REFERENCE
DIVIDER
PD and
CP
LF
VCO
DIVIDER
and
MUX
INPUT
DECODER
1
8
300K
MODULATION
CONTROL
3
6
S0 PD#
XIN/CLKIN
XOUT
VDD
7
VSS
2
4
SSCLK
5
REFCLK
VCO
COUNTER
2
1
3
4
8
7
6
5
XIN/CLKIN
Vss
S0
SSCLK
XOUT
Vdd
PD#
REFCLK
CY25818
CY25819
8 Pin SOIC
8-pin SOIC
Block Diagram
Pin Configuration


Similar Part No. - CY25819SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25819SC CYPRESS-CY25819SC Datasheet
130Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
CY25819SC CYPRESS-CY25819SC Datasheet
160Kb / 7P
Spread Spectrum Clock Generator
CY25819SCT CYPRESS-CY25819SCT Datasheet
130Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
CY25819SCT CYPRESS-CY25819SCT Datasheet
160Kb / 7P
Spread Spectrum Clock Generator
More results

Similar Description - CY25819SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88154 FUJITSU-MB88154 Datasheet
151Kb / 18P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com