Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY25819SC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY25819SC
Description  Spread Spectrum Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25819SC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY25819SC Datasheet HTML 1Page - Cypress Semiconductor CY25819SC Datasheet HTML 2Page - Cypress Semiconductor CY25819SC Datasheet HTML 3Page - Cypress Semiconductor CY25819SC Datasheet HTML 4Page - Cypress Semiconductor CY25819SC Datasheet HTML 5Page - Cypress Semiconductor CY25819SC Datasheet HTML 6Page - Cypress Semiconductor CY25819SC Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY25818/19
Document #: 38-07362 Rev. *B
Page 3 of 7
3-Level Digital Inputs
S0 digital input is designed to sense three logic levels desig-
nated as HIGH “1,” LOW “0,” and MIDDLE “M.” With this
3-Level digital input logic, the 3-Level logic is able to detect
three different logic levels.
The S0 pin includes an on-chip 20K (10K/10K) resistor divider.
No external application resistors are needed to implement
3-Level logic, as follows.
Logic Level “0”: 3-Level logic pin connected to GND.
Logic Level “M”: 3-Level logic pin left floating (no connection.)
Logic Level “1”: 3-Level logic pin connected to Vdd.
Figure 1 illustrates how to implement 3-Level Logic.
Modulation Rate
Spread
Spectrum
Clock
Generators
utilize
frequency
modulation (FM) to distribute energy over a specific band of
frequencies. The maximum frequency of the clock (fmax) and
minimum frequency of the clock (fmin) determine this band of
frequencies. The time required to transition from fmin to fmax
and back to fmin is the period of the Modulation Rate, Tmod.
The Modulation Rates of SSCG clocks are generally referred
to in terms of frequency, and fmod = 1/Tmod.
The input clock frequency, fin, and the internal divider
determine the Modulation Rate.
In the case of CY25818/19 devices, the (Spread Spectrum)
Modulation Rate, fmod, is given by the following formula:
fmod = fIN/DR
where fmod is the Modulation Rate, fIN is the Input Frequency,
and DR is the Divider Ratio, as given in Table 3.
Maximum Ratings[1, 2]
Supply Voltage (Vdd): ..................................................+ 5.5V
Input Voltage Relative to Vdd:.............................. Vdd + 0.3V
Input Voltage Relative to Vss:............................... Vss + 0.3V
Operating Temperature:................................... 0
°C to + 70°C
Storage Temperature: ................................ –65
°C to + 150°C
LO G IC
LO W (0 )
LO G IC
M IDDL E (M )
LO G IC
HIG H (H )
S0
to V D D
S0
UNCO N N E C T E D
S0
to V S S
VDD
VS S
Figure 1. 3-Level Logic
Table 3. Modulation Rate Divider Ratios
Product
Input Frequency Range
Divider Ratio (DR)
CY25818
8–16 MHz
256
CY25819
16–32 MHz
512
Table 4. DC Electrical Characteristics Vdd = 3.3V ±10%, TA = 0°C to +70°C and CL = 15 pF (unless otherwise noted)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Vdd
Power Supply Range
2.97
3.3
3.63
V
VINH
Input HIGH Voltage
S0 Input
0.85 Vdd
Vdd
Vdd
V
VINM
Input MIDDLE Voltage
S0 Input
0.40 Vdd
0.50 Vdd
0.60 Vdd
V
VINL
Input LOW Voltage
S0 Input
0.0
0.0
0.15 Vdd
V
VOH1
Output HIGH Voltage
IOH = 4 ma, SSCLK and REFCLK
2.4
–
–
V
VOH2
Output HIGH Voltage
IOH = 6 ma, SSCLK and REFCLK
2.0
–
–
V
VOL1
Output LOW Voltage
IOL = 4 ma, SSCLK Output
–
–
0.4
V
VOL2
Output LOW Voltage
IOL = 10 ma, SSCLK Output
–
–
1.2
V
CIN1
Input Capacitance
XIN (Pin 1) and XOUT (Pin 8)
6.0
7.5
9.0
pF
CIN2
Input Capacitance
All Digital Inputs
3.5
4.5
6.0
pF
IDD1
Power Supply Current
FIN=8 MHz, no load
–
10.0
12.5
mA
IDD3
Power Supply Current
FIN=32 MHz, no load
–
19.0
23.0
mA
IDD4
Power Supply Current
PD# = Vss
–
150
250
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com