Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4012-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4012-1
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4012-1 Datasheet HTML 3Page - Linear Technology LTC4012-1 Datasheet HTML 4Page - Linear Technology LTC4012-1 Datasheet HTML 5Page - Linear Technology LTC4012-1 Datasheet HTML 6Page - Linear Technology LTC4012-1 Datasheet HTML 7Page - Linear Technology LTC4012-1 Datasheet HTML 8Page - Linear Technology LTC4012-1 Datasheet HTML 9Page - Linear Technology LTC4012-1 Datasheet HTML 10Page - Linear Technology LTC4012-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
4012f
LTC4012/
LTC4012-1/LTC4012-2
TYPICAL PERFORMANCE CHARACTERISTICS
PWM Frequency vs Duty Cycle
Gate Drive Non-Overlap
Battery Shutdown Current
Charge Current Line Regulation
Input Current Limit
DCIN PIN VOLTAGE (V)
5
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
10
15
4012 G08
–0.3
0.3
0.4
0.1
20
25
ICHG = 1A
ICHG = 2A
ICHG = 3A
BAT = 6V
RSENSE = 33mΩ
RIN = 3.01k
Charge Current Load Regulation
BATTERY VOLTAGE (V)
11.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
12.6
4012 G09
11.4
11.8
12.2
13.0
ICHG = 3A
ICHG = 2A
ICHG = 1A
DCIN = 20V
RSENSE = 33mΩ
RIN = 3.01k
SYSTEM LOAD (A)
0
0.5
1.0
1.5
1.5
2.5
4012 G10
0
–0.5
–1.0
0.5
1.0
2.0
2.0
2.5
3.0
IIN
ICHG
ICL STATE
2.5A BULK CHARGE
2.1A INPUT CURRENT LIMIT
PWM Soft-Start
ICHG
2A/DIV
TIME (500μs/DIV)
4012 G11
ITH
1V/DIV
PROG
1V/DIV
SHDN
5V/DIV
TIME (80ns/DIV)
4012 G12
TGATE
BGATE
DUTY CYCLE (%)
0
0
100
200
300
400
500
600
20
40
60
80
4012 G13
100
CLP = 6V
CLP = 12V
CLP = 20V
CLP = 25V
ICHG = 750mA
PWM Frequency
vs Charge Current
CHARGE CURRENT (A)
0
0
100
200
300
400
600
0.5
1.0
1.5
2.0
4012 G14
2.5
3.0
500
BAT = 14.5V
BAT = 12V
BAT = 5V
CLP = 15V
RSENSE = 33mΩ
RIN = 3.01k
BATTERY VOLTAGE (V)
0
0
5
10
15
25
510
15
4012 G15
20
25
20
DC1256-CLASS
APPLICATION
DCIN = 0V
LTC4012,
ALL PINS
DCIN = 0V
LTC4012,
BAT PINS
DCIN = 20V
(TA = 25°C unless otherwise noted. L = IHLP-2525 6.8μH)
INFET Response Time to
DCIN Short to Ground
0A
VGS = 0V
TIME (1μs/DIV)
DCIN = 15V
INFET = Si7423DN
IOUT = <50mA
VOUT = 12.3V
COUT = 0.27F
4012 G16
PFET VGS (1V/DIV)
IDCIN, REVERSE
(5A/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com