Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4012-1 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4012-1
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4012-1 Datasheet HTML 19Page - Linear Technology LTC4012-1 Datasheet HTML 20Page - Linear Technology LTC4012-1 Datasheet HTML 21Page - Linear Technology LTC4012-1 Datasheet HTML 22Page - Linear Technology LTC4012-1 Datasheet HTML 23Page - Linear Technology LTC4012-1 Datasheet HTML 24Page - Linear Technology LTC4012-1 Datasheet HTML 25Page - Linear Technology LTC4012-1 Datasheet HTML 26Page - Linear Technology LTC4012-1 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
4012f
LTC4012/
LTC4012-1/LTC4012-2
APPLICATIONS INFORMATION
FET Selection
Two external power MOSFETs must be selected for use
with the charger: an N-channel power switch (top FET)
and an N-channel synchronous rectifier (bottom FET).
Peak gate-to-source drive levels are internally set to
about 5V. Consequently, logic-level FETs must be used.
In addition to the fundamental DC current, selection
criteria for these MOSFETs also include channel resis-
tance RDS(ON), total gate charge QG, reverse transfer
capacitance CRSS, maximum rated drain-source voltage
BVDSS and switching characteristics such as td(ON/OFF).
Power dissipation for each external FET is given by:
P
VI
T R
V
kV
DTOP
BAT
MAX
DS ON
CLP
C
()
()
••
•
=
+
()
+
2
1
δΔ
L
LP
MAX
RSS
DBOT
CLP
BAT
M
IC
kHz
P
VV
I
2
665
••
•
–•
() =
() AAX
DS ON
CLP
TR
V
2
1
•
()
+
()
δΔ
where
δ is the temperature dependency of RDS(ON),
ΔT is the temperature rise above the point specified in
the FET data sheet for RDS(ON) and k is a constant in-
versely related to the internal LTC4012 top gate driver.
The term (1 +
δΔT) is generally given for a MOSFET in the
form of a normalized RDS(ON) curve versus temperature,
but
δ of 0.005/°C can be used as a suitable approxima-
tion for logic-level FETs if other data is not available.
CRSS = ΔQGD/ΔVDS is usually specified in the MOSFET
characteristics. The constant k = 2 can be used in estimat-
ing top FET dissipation. The LTC4012 is designed to work
best with external FET switches with a total gate charge
at 5V of 15nC or less.
For VCLP < 20V, high charge current efficiency generally
improves with larger FETs, while for VCLP > 20V, top gate
transition losses increase rapidly to the point that using
a topside NFET with higher RDS(ON) but lower CRSS can
actually provide higher efficiency. If the charger will be
operated with a duty cycle above 85%, overall efficiency
is normally improved by using a larger top FET.
The synchronous (bottom) FET losses are greatest at high
input voltage or during a short circuit, which forces a low
side duty cycle of nearly 100%. Increasing the size of this
FET lowers its losses but increases power dissipation in the
LTC4012. Using asymmetrical FETs will normally achieve
cost savings while allowing optimum efficiency.
Select FETs with BVDSS that exceeds the maximum VCLP
voltage that will occur. Both FETs are subjected to this level
of stress during operation. Many logic-level MOSFETs are
limited to 30V or less.
The LTC4012 uses an improved adaptive TGATE and
BGATE drive that is insensitive to MOSFET inertial delays,
td(ON/OFF), to avoid overlap conduction losses. Switching
characteristics from power MOSFET data sheets apply
only to a specific test fixture, so there is no substitute for
bench evaluation of external FETs in the target application.
In general, MOSFETs with lower inertial delays will yield
higher efficiency.
Diode Selection
A Schottky diode in parallel with the bottom FET and/or
top FET in an LTC4012 application clamps SW during the
non-overlap times between conduction of the top and
bottom FET switches. This prevents the body diode of the
MOSFETs from forward biasing and storing charge, which
could reduce efficiency as much as 1%. One or both diodes
can be omitted if the efficiency loss can be tolerated. A 1A
Schottky is generally a good size for 3A chargers due to the
low duty cycle of the non-overlap times. Larger diodes can
actually result in additional efficiency (transition) losses
due to larger junction capacitance.
Loop Compensation and Soft-Start
The three separate PWM control loops of the LTC4012
can be compensated by a single set of components at-
tached between the ITH pin and GND. As shown in the
typical LTC4012 application, a 6.04k resistor in series
with a capacitor of at least 0.1μF provides adequate loop
compensation for the majority of applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com