Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8025 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8025
Description  36V, 3A Step-Down 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8025 Datasheet(HTML) 1 Page - Linear Technology

  LTM8025 Datasheet HTML 1Page - Linear Technology LTM8025 Datasheet HTML 2Page - Linear Technology LTM8025 Datasheet HTML 3Page - Linear Technology LTM8025 Datasheet HTML 4Page - Linear Technology LTM8025 Datasheet HTML 5Page - Linear Technology LTM8025 Datasheet HTML 6Page - Linear Technology LTM8025 Datasheet HTML 7Page - Linear Technology LTM8025 Datasheet HTML 8Page - Linear Technology LTM8025 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM8025
1
8025f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
36V, 3A Step-Down
µModule Converter
The LTM®8025 is a 36VIN, 3A step down μModule
® con-
verter. Included in the package are the switching controller,
power switches, inductor and all support components.
Operating over an input voltage range of 3.6V to 36V, the
LTM8025 supports an output voltage range of 0.8V to 24V
and a switching frequency range of 200kHz to 2.4MHz,
each set by a single resistor. Only the bulk input and output
filter capacitors are needed to finish the design.
The low profile package (4.32mm) enables utilization of
unused space on the bottom of PC boards for high density
point of load regulation.
The LTM8025 is packaged in a thermally enhanced, compact
(15mm
× 9mm) and low profile (4.32mm) over-molded
land grid array (LGA) package suitable for automated
assembly by standard surface mount equipment. The
LTM8025 is RoHS compliant.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
n Complete Step-Down Switch Mode Power Supply
n Wide Input Voltage Range: 3.6V to 36V
n Up to 3A Output Current
n Parallelable for Increased Output Current
n 0.8V to 24V Output Voltage
n Selectable Switching Frequency: 200kHz to 2.4MHz
n Current Mode Control
n (e4) RoHS Compliant Package with Gold Pad Finish
n Programmable Soft-Start
n Tiny, Low Profile (15mm
× 9mm × 4.32mm) Surface
Mount LGA Package
n Automotive Battery Regulation
n Power for Portable Products
n Distributed Supply Regulation
n Industrial Supplies
n Wall Transformer Regulation
Efficiency
OUTPUT CURRENT (mA)
40
80
60
70
100
90
50
8025 TA01b
0
500
1000
1500
2000
2500
3000
VIN = 24V
VIN
RUN/SS
SHARE
RT
ADJ
VOUT
GND
8025 TA01a
LTM8025
VIN*
22V TO 36V
*RUNNING VOLTAGE RANGE. PLEASE REFER TO
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS
VOUT
12V AT 3A
47.5k
34.8k
4.7μF
22μF
PGOOD
SYNC
AUX
BIAS


Similar Part No. - LTM8025

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8025 LINER-LTM8025 Datasheet
357Kb / 28P
36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8025 LINER-LTM8025 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
LTM8025 LINER-LTM8025 Datasheet
253Kb / 22P
Complete Switch Mode Power Supply
LTM8025 LINER-LTM8025_15 Datasheet
371Kb / 22P
36V, 3A Step-Down Module Regulator
More results

Similar Description - LTM8025

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
3A, 36V, 500kHz Synchronous Step-Down Converter
logo
Linear Technology
LTM8025 LINER-LTM8025_15 Datasheet
371Kb / 22P
36V, 3A Step-Down Module Regulator
logo
ELM Electronics
ELM612DA ELM-ELM612DA Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM612DA ELM-TECH-ELM612DA Datasheet
1Mb / 8P
3A 36V PWM step down DC/DC converter
logo
Monolithic Power System...
MP4423 MPS-MP4423 Datasheet
616Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
MP4423A MPS-MP4423A Datasheet
818Kb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4423H MPS-MP4423H Datasheet
662Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
EV4423A-Q-00A MPS-EV4423A-Q-00A Datasheet
502Kb / 8P
3A, 36V, Synchronous Step Down Converter Evaluation Board
EV4423H-Q-00A MPS-EV4423H-Q-00A Datasheet
488Kb / 8P
3A, 36V, Synchronous Step Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com