Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8025 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8025
Description  36V, 3A Step-Down 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8025 Datasheet(HTML) 4 Page - Linear Technology

  LTM8025 Datasheet HTML 1Page - Linear Technology LTM8025 Datasheet HTML 2Page - Linear Technology LTM8025 Datasheet HTML 3Page - Linear Technology LTM8025 Datasheet HTML 4Page - Linear Technology LTM8025 Datasheet HTML 5Page - Linear Technology LTM8025 Datasheet HTML 6Page - Linear Technology LTM8025 Datasheet HTML 7Page - Linear Technology LTM8025 Datasheet HTML 8Page - Linear Technology LTM8025 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTM8025
4
8025f
40
80
60
70
100
90
50
0
500
1000
1500
2000
2500
3000
8025 G04
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
TYPICAL PERFORMANCE CHARACTERISTICS
2.5VOUT Efficiency
3.3VOUT Efficiency
5VOUT Efficiency
8VOUT Efficiency
12VOUT Efficiency
18VOUT Efficiency
Bias Current vs Load Current
2.5VOUT
Bias Current vs Load Current
3.3VOUT
Bias Current vs Load Current
5VOUT
40
80
60
70
100
90
50
0
500
1000
1500
2000
2500
3000
8025 G01
5VIN
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
40
80
60
70
100
90
50
0
500
1000
1500
2000
2500
3000
8025 G02
5.5VIN
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
40
80
60
70
100
90
50
0
500
1000
1500
2000
2500
3000
8025 G03
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
40
80
60
70
100
90
50
0
500
1000
1500
2000
2500
3000
8025 G05
16VIN
24VIN
32VIN
LOAD CURRENT (mA)
40
80
60
70
100
90
50
0
500
1000
1500
2000
2500
3000
8025 G06
24VIN
32VIN
LOAD CURRENT (mA)
8025 G07
LOAD CURRENT (mA)
0
5
25
20
15
10
0
1000
2000
3000
12VIN
24VIN
8025 G08
LOAD CURRENT (mA)
0
5
30
25
20
15
10
0
1000
2000
3000
12VIN
24VIN
8025 G09
LOAD CURRENT (mA)
0
5
40
35
25
20
30
15
10
0
1000
2000
3000
12VIN
24VIN
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com