Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7137 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SH7137
Description  Output of Complementary Pairs of PWM Signals in Three Phases
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7137 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SH7137_09 Datasheet HTML 16Page - Renesas Technology Corp SH7137_09 Datasheet HTML 17Page - Renesas Technology Corp SH7137_09 Datasheet HTML 18Page - Renesas Technology Corp SH7137_09 Datasheet HTML 19Page - Renesas Technology Corp SH7137_09 Datasheet HTML 20Page - Renesas Technology Corp SH7137_09 Datasheet HTML 21Page - Renesas Technology Corp SH7137_09 Datasheet HTML 22Page - Renesas Technology Corp SH7137_09 Datasheet HTML 23Page - Renesas Technology Corp SH7137_09 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
SH7280 Group
MTU2: Output of Complementary Pairs of PWM Signals in Three Phases
(Complementary PWM Mode)
REJ06B0887-0100/Rev.1.00
June 2009
Page 21 of 24
2.5.4
Interrupt Controller (INTC)
Table 10 gives a list of settings for registers of the interrupt controller (INTC).
Table 10 Interrupt Controller (INTC)
Register Name
Address
Setting
Description
Interrupt priority register E
(IPRE)
H'FFFFE984
H'00F0
Selects interrupt priority (level 0 to 15).
• Bit 15 to 12 = B'0000:
MTU2 (TGIA_2 and TGIB_2) interrupt level =
0
• Bit 11 to 8 = B'0000:
MTU2 (TCI2V and TCI2U) interrupt level = 0
• Bit 7 to 4 = B'1111:
MTU3 (TGI3A to TGI3D) interrupt level = 15
• Bit 3 to 0 = B'0000:
MTU3 (TCIV_3) interrupt level = 0
In this sample program, TGI3A interrupt is used.
2.5.5
Pin Function Controller (PFC)
Table 11 gives a list of settings for registers of the pin function controller (PFC).
Table 11 Pin Function Controller (PFC)
Register Name
Address
Setting
Description
Port E control register
L4 (PECRL4)
H'FFFFD310
H'1111
Specifies functions of multiplexed pins on port E.
• PE15MD[2:0]=B'001:SpecifiestheTIOC4DI/O(MTU2)forPE15.
• PE14MD[2:0]=B'001:SpecifiestheTIOC4CI/O(MTU2)forPE14.
• PE13MD[2:0]=B'01:SpecifiestheTIOC4BI/O(MTU2)forPE13.
• PE12MD[2:0]=B'001:SpecifiestheTIOC4AI/O(MTU2)forPE12.
Port E control register
L3 (PECRL3)
H'FFFFD312
H'1011
Specifies functions of multiplexed pins on port E.
• PE11MD[2:0]=B'001:SpecifiestheTIOC3DI/O(MTU2)forPE11.
• PE10MD[2:0]=B'000:SpecifiesthePE10I/O(port)forPE10.
• PE9MD[2:0]=B'001:SpecifiestheTIOC3BI/O(MTU2)forPE9.
• PE8MD[2:0]=B'001:SpecifiestheTIOC3AI/O(MTU2)forPE8.
Port E I/O register L
(PEIORL)
H'FFFFD306
H'FB00
Specifies input and output directions for port E pins.
• PE15IOR = B'1: Specifies the TIOC4D pin (PE15) for output.
• PE14IOR = B'1: Specifies the TIOC4C pin (PE14) for output.
• PE13IOR = B'1: Specifies the TIOC4B pin (PE13) for output.
• PE12IOR = B'1: Specifies the TIOC4A pin (PE12) for output.
• PE11IOR = B'1: Specifies the TIOC3D pin (PE11) for output.
• PE10IOR = B'0: Specifies the PE10 (port) for input.
• PE9IOR = B'1: Specifies the TIOC3B pin (PE9) for output.
• PE8IOR = B'1: Specifies the TIOC3A pin (PE8) for output.
• PE7IOR to PE0IOR all set to B'0: PE7 to PE0 are
input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com