| Electronic Components Datasheet Search |
|
SH7216 Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7216 Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 32 page ![]() SH7216 Group USB Function Module: USB Mass Storage Class REJ06B0897-0100/Rev.1.00 July 2009 Page 21 of 32 Command Name Transport Name Operation Content CBW This decodes the command and recognizes it as the WRITE (10) command. It then prepares to receive the data of the specified sector volume from the specified write sector in the Disk device open on the SDRAM. If media access is disabled (LSB of unit_state[0] is 1), the function treats this as no data transfer and follows (9) in section 5.7, Processing If an Error Occurs. It also sets a value to be returned in REQUEST SENSE for NOT READY (not prepared). Data This receives the write sector data from the host PC using bulk-out transport. If media access is disabled, it reads and discards data from the host. WRITE (10) CSW This notifies the host PC that the operation has been completed successfully. If media access is disabled, it returns a command fail (CSW status H'01). CBW This decodes the command and recognizes it as the REQUEST SENSE command. It then prepares to send the returned value (the results of executing the previous SCSI command). Data This sends the returned value to the host PC using bulk-in transport. REQUEST SENSE CSW This sends the results of the command execution to the host PC. The transmission is completed successfully as long as the data consists of 18 bytes or less. CBW This decodes the command and recognizes it as the PREVENT ALLOW MEDIUM REMOVAL command. It then prepares to notify the host PC that the operation has been successfully completed. If media access is disabled (LSB of unit_state[0] is 1), it sets the command to "fail" and also sets a value to be returned in REQUEST SENSE for NOT READY (not prepared). Data Data transport does not exist for this command. PREVENT ALLOW MEDIUM REMOVAL CSW This notifies the host PC that the operation has been completed successfully. If media access is disabled, it returns a command fail (CSW status H'01). CBW This decodes the command and recognizes it as the TEST UNIT READY command. It then prepares to notify the host PC that the operation has been successfully completed. If media access is disabled (LSB of unit_state[0] is 1), it sets the command to "fail" and also sets a value to be returned in REQUEST SENSE for NOT READY (not prepared). Data Data transport does not exist for this command. TEST UNIT READY CSW This notifies the host PC that the operation has been completed successfully. If media access is disabled, it returns a command fail (CSW status H'01). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |