Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7216 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SH7216
Description  USB Mass Storage Class
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7216 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SH7216 Datasheet HTML 24Page - Renesas Technology Corp SH7216 Datasheet HTML 25Page - Renesas Technology Corp SH7216 Datasheet HTML 26Page - Renesas Technology Corp SH7216 Datasheet HTML 27Page - Renesas Technology Corp SH7216 Datasheet HTML 28Page - Renesas Technology Corp SH7216 Datasheet HTML 29Page - Renesas Technology Corp SH7216 Datasheet HTML 30Page - Renesas Technology Corp SH7216 Datasheet HTML 31Page - Renesas Technology Corp SH7216 Datasheet HTML 32Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
SH7216 Group
USB Function Module: USB Mass Storage Class
REJ06B0897-0100/Rev.1.00
July 2009
Page 28 of 32
Set the overflowed
amount of data in
bCSWDataResidue
Data is received until the
amount of data planned by
the host has been received
Set the amount of data
not yet sent in
bCSWDataResidue
Dummy read is performed
for the amount of data
planned by the host
Bulk-out operation
in data transport
Does the command to be executed
by the function match the transport
direction in data transport?
NO
YES
Amount of data planned by host
=
Amount of data planned by function
NO
YES
Data is received in
data transport
Data is received in
data transport
NO
YES
Amount of data planned by host
>
Amount of data planned by function
Set H'00 in
bCSWStatus
Set H'01 in
bCSWStatus
CASE: (1) (12)
CASE: (9) (11)
Set H'02 in
bCSWStatus
CASE: (13)
Set H'02 in
bCSWStatus
CASE: (10)
Status transport
operation
Figure 10 Error Processing Flow in Data Transport (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com