Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM600 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # AM600
Description  600A AC Analog Clamp Meter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

AM600 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  AM600 Datasheet HTML 1Page - Extech Instruments Corporation. AM600 Datasheet HTML 2Page - Extech Instruments Corporation. AM600 Datasheet HTML 3Page - Extech Instruments Corporation. AM600 Datasheet HTML 4Page - Extech Instruments Corporation. AM600 Datasheet HTML 5Page - Extech Instruments Corporation. AM600 Datasheet HTML 6Page - Extech Instruments Corporation. AM600 Datasheet HTML 7Page - Extech Instruments Corporation. AM600 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AM600 V2.0 6/07
5
Resistance Measurements
1.
Insert the black test lead into the negative COM terminal and
the red test lead into the OHMS positive terminal.
2.
Set the Range switch to the X1Ω or X100Ω position as
needed.
3.
Set the Pointer Lock switch is set to the right-most position so
that the pointer may freely move.
4.
With the test leads open, adjust the meter zero so that the
pointer is over the
∞ symbol.
5.
Touch the test lead tips together and adjust the 0 Ohms adjust
until the pointer is over the 0 ohms position.
6.
Touch the test probe tips across the circuit or component under
test.
7.
The analog display pointer will indicate the resistance reading.
Temperature Measurements
Zero procedure (fig. 1)
1.
Insert the temperature probe black plug into the COM terminal and the Probe tip
into the V Ω terminal.
2.
Adjust the pointer for a 0 Ω scale reading
Measurements (fig. 2)
1.
Insert the temperature probe black plug into the COM terminal and the red plug
into the V Ω terminal.
2.
Place the temperature probe into the area to be tested.
3.
Read the temperature on the °C or °F temperature scale
fig. 1
fig. 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com