Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM600 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # AM600
Description  600A AC Analog Clamp Meter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

AM600 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

  AM600 Datasheet HTML 1Page - Extech Instruments Corporation. AM600 Datasheet HTML 2Page - Extech Instruments Corporation. AM600 Datasheet HTML 3Page - Extech Instruments Corporation. AM600 Datasheet HTML 4Page - Extech Instruments Corporation. AM600 Datasheet HTML 5Page - Extech Instruments Corporation. AM600 Datasheet HTML 6Page - Extech Instruments Corporation. AM600 Datasheet HTML 7Page - Extech Instruments Corporation. AM600 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AM600 V2.0 6/07
6
CC
Pointer Lock Function
The Pointer Lock switch freezes the pointer’s position and is used as a ‘data hold’ feature.
This feature is useful in dimly lit or hard to reach locations.
Specifications
Function
Ranges
Accuracy
6, 15, 60, 150 A
± 3% of Full Scale
AC Current
(50/60Hz)
600 A
± 5% of Full Scale
AC Voltage
(50/60Hz)
150, 300 and 750V
± 3% of Full Scale
DC Voltage
75 V DC
± 3% of Full Scale
2000
Ω (50 Ω mid-scale) (Rx1)
Resistance
200 k
Ω (5 kΩ mid-scale) (Rx100)
± 3% of Full Scale Length
Temperature
-4 to 302°F (-20°C to 150°C)
± 3% of arc
Clamp jaw opening
1.3" (34 mm) max.
Display
Analog with Zero Adjustment
Input Impedance
ACV: 2 kΩ/V, DCV: 4.5 kΩV
AC bandwidth
50 / 60 Hz
Temperature Probe
Thermistor
Operating conditions
Temperature 32 - 104°F (0 - 40°C); Relative Humidity <80%
Operating Altitude
7000 ft. (2000 m) maximum.
Battery
One (1) 1.5V ‘AA’ Battery
Fuse
500 mA, 250V fast
Dimensions & Weight
8.4 x 3.4 x 1.7" (214 x 85 x 43 mm); 12.4 oz. (350 g)
Safety
For indoor use and in accordance with the requirements for
double insulation to IEC1010-1 (2001): EN61010-1 (2001)
Overvoltage Category II 600V, Pollution Degree 2.
Standards



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com