Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50GP60LDLG Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT50GP60LDLG
Description  Resonant Mode Combi IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GP60LDLG Datasheet(HTML) 4 Page - Microsemi Corporation

  APT50GP60LDLG Datasheet HTML 1Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 2Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 3Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 4Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 5Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 6Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 7Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 8Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
APT50GP60LDL(G)
V
GE
=15V,T
J
=125°C
V
GE
=15V,T
J
=25°C
V
CE
= 400V
R
G
= 4.3
Ω
L = 100µH
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
R
G
, GATE RESISTANCE (OHMS)
T
J
, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
V
CE
= 400V
T
J
= 25°C
or 125°C
R
G
= 4.3
Ω
L = 100µH
140
120
100
80
60
40
20
0
120
100
80
60
40
20
0
3500
3000
2500
2000
1500
1000
500
0
4000
3500
3000
2500
2000
1500
1000
500
0
V
GE
= 15V
20
30
40
50
60
70
80
90 100 110
20
30
40
50
60
70
80
90 100 110
20
30
40
50
60
70
80
90 100 110
20
30
40
50
60
70
80
90 100 110
20
30
40
50
60
70
80
90 100 110
20
30
40
50
60
70
80
90 100 110
0
10
20
30
40
50
0
25
50
75
100
125
R
G
= 4.3
Ω, L = 100µH, V
CE
= 400V
T
J
= 25 or 125°C,V
GE
= 15V
25
20
15
10
5
0
90
80
70
60
50
40
30
20
10
0
4000
3500
3000
2500
2000
1500
1000
500
0
6000
5000
4000
3000
2000
1000
0
T
J
= 125°C, V
GE
= 15V
T
J
= 25°C, V
GE
= 15V
R
G
= 4.3
Ω, L = 100µH, V
CE
= 400V
V
CE
= 400V
V
GE
= +15V
R
G
= 4.3
Ω
T
J
= 125°C
T
J
= 25°C
V
CE
= 400V
V
GE
= +15V
R
G
= 4.3
Ω
T
J
= 125°C
T
J
= 25°C
E
on2,
100A
E
off,
100A
V
CE
= 400V
V
GE
= +15V
T
J
= 125°C
E
on2,
25A
E
off,
25A
E
on2,
50A
E
off,
50A
E
on2,
100A
E
off,
100A
E
on2,
25A
E
off,
25A
E
on2,
50A
E
off,
50A
V
CE
= 400V
V
GE
= +15V
R
G
= 4.3
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com