Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50GP60LDLG Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APT50GP60LDLG
Description  Resonant Mode Combi IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GP60LDLG Datasheet(HTML) 7 Page - Microsemi Corporation

  APT50GP60LDLG Datasheet HTML 1Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 2Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 3Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 4Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 5Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 6Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 7Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 8Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
APT50GP60LDL(G)
TYPICAL PERFORMANCE CURVES
Characteristic / Test Conditions
Maximum Average Forward Current (T
C
= 124°C, Duty Cycle = 0.5)
RMS Forward Current (Square wave, 50% duty)
Non-Repetitive Forward Surge Current (T
J
= 45°C, 8.3ms)
Symbol
I
F
(AV)
I
F
(RMS)
I
FSM
Symbol
V
F
Characteristic / Test Conditions
I
F
= 50A
Forward Voltage
I
F
= 100A
I
F
= 50A, T
J
= 125°C
STATIC ELECTRICAL CHARACTERISTICS
UNIT
Amps
UNIT
Volts
MIN
TYP
MAX
1.25
1.6
2.0
1.25
APT50GP60LDL(G)
50
150
320
DYNAMIC CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: T
C
= 25°C unless otherwise specified.
ULTRAFAST SOFT RECOVERY ANTI-PARALLEL DIODE
MIN
TYP
MAX
-
52
-
399
-
1498
-
9
-
-
649
-
3734
-
13
-
-
284
-
5134
-
34
UNIT
ns
nC
Amps
ns
nC
Amps
ns
nC
Amps
Characteristic
Reverse Recovery Time
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Symbol
t
rr
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
Test Conditions
I
F
= 50A, di
F
/dt = -200A/µs
V
R
= 400V, T
C
= 25°C
I
F
= 50A, di
F
/dt = -200A/µs
V
R
= 400V, T
C
= 125°C
I
F
= 50A, di
F
/dt = -1000A/µs
V
R
= 400V, T
C
= 125°C
I
F
= 1A, di
F
/dt = -100A/µs, V
R
= 30V, T
J
= 25°C
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
Dissipated Power
(Watts)
T
J (°C)
T
C (°C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.
0.316
0.312
0.00467
0.1483



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com