Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT5400 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT5400
Description  13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5400 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT5400 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPT5400
13-BIT, OCTAL VOLTAGE-OUTPUT DAC
WITH PARALLEL INTERFACE
FEATURES
• Full 13-bit performance without external adjustments
• Eight DACs in one package
• Buffered voltage outputs
• Guaranteed monotonic to 13 bits
• Unipolar or bipolar output swing to
±4.5 V
• Output settling time of 7
µs to ±1/2 LSB
• Double-buffered digital inputs
APPLICATIONS
• Automatic test equipment
• Flat-panel displays
• Arbitrary function generators
• Instrumentation
• Process control
DESCRIPTION
The SPT5400 has eight 13-bit voltage output digital-to-
analog converters on one chip. It operates from
±5 V
power supplies and has maximum voltage output swings
of up to
±4.5 V without the addition of external compo-
nents. Novel circuit topology allows for a guaranteed
monotonicity of 13 bits without the need for additional
circuitry. The SPT5400 has four separate reference volt-
age inputs, one for each pair of DACs. Four separate
analog ground pins allow for separate offset voltages for
each DAC pair. Each DAC can be asynchronously loaded
through a common 13-bit bus into a double-buffered set
of latches. All logic inputs are TTL/CMOS compatible.
The SPT5400 is available in a 44-lead PLCC package
over the commercial temperature range of 0
°C to
+70
°C.
–
+
DAC H
DAC
LATCH H
INPUT
LATCH H
–
+
DAC G
DAC
LATCH G
INPUT
LATCH G
+
DAC F
DAC
LATCH F
INPUT
LATCH F
+
DAC E
DAC
LATCH E
INPUT
LATCH E
+
DAC D
DAC
LATCH D
INPUT
LATCH D
+
DAC C
DAC
LATCH C
INPUT
LATCH C
+
DAC B
DAC
LATCH B
INPUT
LATCH B
–
+
DAC A
DAC
LATCH A
INPUT
LATCH A
D12–D0
CS
WR
A0–A2
LDAB
LDCD
LDEF
LDGH
CLR
VSS GND
VOUTA
AGNDAB
VOUTB
VOUTC
AGNDCD
VOUTD
VOUTE
AGNDEF
VOUTF
VOUTG
AGNDGH
VOUTH
REFAB
REFCD
REFEF REFGH
VDD
CONTROL
LOGIC
DATA BUS
–
–
–
–
–
BLOCK DIAGRAM


Similar Part No. - SPT5400

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
SPT5400SCP FAIRCHILD-SPT5400SCP Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
More results

Similar Description - SPT5400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7839 AD-AD7839 Datasheet
153Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV.0
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com